Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DU1311 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. DU1311
Description  SMD Unshielded Power Inductor Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DU1311 Datasheet(HTML) 3 Page - Tyco Electronics

  DU1311 Datasheet HTML 1Page - Tyco Electronics DU1311 Datasheet HTML 2Page - Tyco Electronics DU1311 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Item
Specification
Test Method/Condition
Environmental
Static Humidity
After exposure part remains within
specified electrical parameters for
L, Q and DCR.
Storage Life
After exposure part remains within
specified electrical parameters for
L, Q and DCR.
Moisture Resistance
After exposure, part shall not
Per MIL-STD 202 Method 106, ten 24 hour cycles at +25°C to
have a shorted or open winding.
+65°C at 80 to 95% R.H. During any of the first 9 cycles, inductors
are revolved from the chamber and exposed to -10°C for 3 hours.
Allow parts to dry for 2 hours before measurements are taken.
Temperature Cycle
After exposure part remains
10 cycles (Air to Air) 1 cycle shall consist of:
within specified electrical
30 minutes exposure to +85°C
parameters for L, Q and DCR.
30 minutes exposure to -40°C
Allow 20 minutes transition between extremes.
Temperature Shock
After exposure part remains
10 cycles (Air to Air) 1 cycle shall consist of:
within specified electrical
30 minutes exposure to -45°C
parameters for L, Q and DCR.
30 minutes exposure to +125°C
15 seconds maximum transition between temperatures
General
Storage Temperature
Range
-40°C to +85°C
Operating Temperature
Range
-40°C to +85°C
Flammability
IEC 695-2-2
Withstands needle-flame test
Other
Vibration
After exposure part remains
Inductors shall be randomly vibrated per NAVMAT P9492
within specified electrical
profile. Samples shall be subjected to 0.04G/Hz for a
parameters for L, Q and DCR.
minimum of 15 minutes per axis, for each of the three axes.
Mechanical Shock
After exposure part remains
Test per MIL-STD 202 method 213 test condition A, test
within specified electrical
mounted samples 3 axes, 6 times, totaling 18 shocks.
parameters for L, Q and DCR.
(50Gs, 11ms, half-sine).
Solderability
Wetting shall cover 90% minimum
of each termination
Component Adhesion
(Push Test)
4 pounds
Apply and measure force with a digital force gauge set.
Resistance to Solvent
No sign of degradation in
Withstands 6 minutes of alcohol.
appearance or marking detail.
Withstands 3 minutes forced spray Freon TMS
Load Life
After exposure, part shall not
Parts to be stored at 110°C for 1000 hours with rated current
have a shorted or open winding.
applied. Parts to be tested at: start, 500 and 1000 hours. Allow
2 hours at room temperature before testing.
Series
Revision
Sheet 3 of 3
Subject parts to an environment of +50°C 90 to 100% R.H. for 46 to 50
hours. After exposure, allow parts to dry for 2 hours before measurements
are taken.
Expose parts to an environment of +50°C with 90 to 95% R.H. for 100
hours. After exposure, allow parts to dry for 2 hours before measurements
are taken.
DU SERIES
C
For Print Distribution to Customers
Dip pads in RMA flux, 63/37 solder (Sn/Pb) at 232°C for 5 seconds ±2
seconds.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DN1047 SMD Unshielded Inductor Series 1  2  3  Tyco Electronics
DQ1260 SMD Shielded Base Plate Power Inductor Series 1  2  3  Tyco Electronics
DH1364 SMD Unshielded Self-Leaded Inductor 1  2  3  Tyco Electronics
DD-1R0K MINIATURE CONFORMAL COATED POWER INDUCTOR SERIES DD 1  List of Unclassifed Manufacturers
SSL0804HC SMD Unshielded Power Inductors 1  List of Unclassifed Manufacturers
SDR0602 SMD High Power Inductor 1  2  List of Unclassifed Manufacturers
SLF6018 SMD Power Inductor 1  List of Unclassifed Manufacturers
RL-1608-S SMT POWER INDUCTOR SERIES 1  List of Unclassifed Manufacturers
CT0603CS SMD ceramic core wire-wound high current chip inductor 1  Central Semiconductor Corp
PKG2000 46-60 W DC/DC Power Modules 24 V Input Series 1  2  3  4  5  More Ericsson

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn