Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16500DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVCH16500DGG
Description  18-bit universal bus transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16500DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVCH16500DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16500DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74ALVCH16500
18-bit universal bus transceiver (3-State)
1998 Sep 24
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
OEAB
LEAB
A0
GND
A1
A2
VCC
A4
A5
GND
A6
A7
A8
A9
A3
A10
A11
GND
A12
A13
B13
B12
GND
B11
B10
B9
B8
B7
B6
GND
B5
B4
B3
VCC
B2
B1
GND
A0
CPAB
GND
21
22
23
24
33
34
35
36
A14
VCC
A15
A16
B16
B15
VCC
B14
25
26
27
28
29
30
31
32
GND
A17
OEBA
LEBA
GND
CPBA
B17
GND
SW00080
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
Output enable A-to-B
2
LEAB
Latch enable A-to-B
3, 5, 6, 8, 9,
10, 12, 13, 14,
15, 16, 17, 19,
20, 21, 23, 24,
26
A0 to A17
Data inputs/outputs
4, 11, 18, 25,
29, 32, 39, 46,
53, 56
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
27
OEBA
Output enable B-to-A
28
LEBA
Latch enable B-to-A
30
CPBA
Clock input B-to-A
54, 52, 51, 49,
48, 47, 45, 44,
43, 42, 41, 40,
38, 37, 36, 34,
33, 31
B0 to B17
Data inputs/outputs
55
CPAB
Clock input A-to-B
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044


Similar Part No. - 74ALVCH16500DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16500DGG NEXPERIA-74ALVCH16500DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 11 December 2017
logo
Texas Instruments
74ALVCH16500DGGRE4 TI1-74ALVCH16500DGGRE4 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16500DGGRG4 TI1-74ALVCH16500DGGRG4 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16500DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com