Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16543 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVCH16543
Description  16-bit D-type registered transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16543 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16543 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16543 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Nov 23
7
Philips Semiconductors
Product specification
16-bit D-type registered transceiver; 3-state
74ALVCH16543
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 55
°C the value of Ptot derates linearly with 8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
for maximum speed performance CL = 30 pF
2.3
2.5
2.7
V
for maximum speed performance CL = 50 pF
3.0
3.3
3.6
V
for low-voltage applications
1.2
2.4
3.6
V
VI
DC input voltage
0
VCC
V
VO
DC output voltage
0
VCC
V
Tamb
operating ambient temperature
in free air
−40
+85
°C
tr, tf
input rise and fall times
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+4.6
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
note 1
−0.5
+4.6
V
IOK
DC output diode current
VO >VCC or VO <0
−±50
mA
VO
DC output voltage
note 1
−0.5
VCC + 0.5 V
IO
DC output source or sink current
VO =0toVCC
−±50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
for temperature range:
−40 to +125 °C; note 2
600
mW


Similar Part No. - 74ALVCH16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DGGRG4 TI1-74ALVCH16543DGGRG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DLG4 TI1-74ALVCH16543DLG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543_15 Datasheet
103Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com