Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOAC5A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MOAC5A
Description  5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MOAC5A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MOAC5A Datasheet HTML 1Page - List of Unclassifed Manufacturers MOAC5A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IAC5, IDC5, OAC5, ODC5
5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
• Available in Standard
or Mini-Pack
Solid state I/O switching modules deliv-
er an electrically clean, photo-isolated,
noise-free "output" interface from
logic level control systems to external
loads such as motors, valves, solenoids,
etc. -- or an "input" interface from the
load or sensors to microprocessor or
computer-based logic level systems.
Designed for long, reliable service in
demanding industrial environments.
Manufactured in Crydom’s ISO 9002
Certified facility for optimum product
performance and reliability.
SYSTEM VOLTAGE 5 Vdc
Model Number
IAC5
IAC5A
IDC5
IDC5B
OAC5
OAC5A
ODC5
ODC5A
MINI-PACK
MIAC5
MIAC5A
MIDC5
MIDC5B
MOAC5
MOAC5A
MODC5
MODC5A
Voltage Type
AC or DC Input AC or DC Input
DC Input
DC Input
AC Output
AC Output
DC Output
DC Output
Color Code
Yellow
Yellow
White
White
Black
Black
Red
Red
INPUT SPECIFICATIONS
Voltage Range
90-140 Vac 180-280 Vac 10-36 Vdc
3-32 Vdc
3-6 Vdc
3-6 Vdc
3-6 Vdc
3-6 Vdc
Typical Current @ Rated Voltage
7 mA
5 mA
8 mA
13 mA
19 mA
19 mA
14 mA
14 mA
Typical Current @ Maximum Voltage
8 mA
5.5 mA
10 mA
15 mA
22 mA
22 mA
18 mA
18 mA
OUTPUT SPECIFICATIONS
Load Current Over
.1-100 mA @ .1-100 mA @ .1-100 mA @ .1-100 mA @
.02-3A @
.02-3A @
.02-3A @
.02-1A @
Load Voltage Range
.4-30 Vdc
.4-30 Vdc
.4-30 Vdc
.4-30 Vdc
12-140 Vac 24-280 Vac
5-60 Vdc
10-200 Vdc
Maximum Turn-on Time
20 ms
20 ms
5 ms
1 ms
1/2 Cycle
1/2 Cycle
0.3 ms
0.5 ms
Maximum Turn-off Time
20 ms
20 ms
5 ms
1 ms
1/2 Cycle
1/2 Cycle
0.3 ms
0.5 ms
Frequency Range
47-63Hz
47-63Hz
-----
-----
47-63Hz
47-63Hz
-----
-----
Switching Type
Random
Random
Random
Random
Zero
Zero
Random
Random
Max. Surge (non-repetitive)
100mA
100mA
30Vdc
30Vdc
80Apk (1cycle) 80Apk (1cycle)
5A (1 sec)
5A (1 sec)
Max. Off-State Voltage
30Vdc
30Vdc
30Vdc
30Vdc
400Vpk
600Vpk
60Vdc
200Vdc
Notes
1,2,4,6
1,2,4,6
1,2,4
1,2,4
1,2,3
1,2,3
1,2,3
1,2,3
NOTES
1. UL recognized.
2. CSA certified.
3. The output of the AC output module is compatible with the input of the AC input module and the output of
the DC output module is compatible with the input of the DC input module.
4. Input modules provide an output that is active low.
5. Output modules can be controlled from active or active high logic.
6. Input will operate on AC or DC voltage.
7. Inductive loads should be diode suppressed for all DC output devices.
9002
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340
85, Condor Close, Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany
©1998 CRYDOM CORP Specifications subject to change without notice.
FastFax Document No. 301
I/OMOD5V.040898, PAGE 1 OF 2


Similar Part No. - MOAC5A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MOAC5AH CRYDOM-MOAC5AH Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
More results

Similar Description - MOAC5A

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
DIO-3232H-PE CONTEC-DIO-3232H-PE Datasheet
231Kb / 2P
   Opto-Isolated Digital I/O for PCI Express
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Contec Co., Ltd
DIO-1616BX-USB CONTEC-DIO-1616BX-USB Datasheet
366Kb / 5P
   PCI Express-compliant Opto-isolated Digital I/O Board
DIO-1616B-PE CONTEC-DIO-1616B-PE Datasheet
103Kb / 5P
   PCI Express-compliant Opto-isolated Digital I/O Board
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
logo
Contec Co., Ltd
DIO-1616RL-PE CONTEC-DIO-1616RL-PE Datasheet
241Kb / 2P
   Negative-Common Opto-Isolated Digital I/O for PCI Express
DIO-3232RL-PE CONTEC-DIO-3232RL-PE Datasheet
232Kb / 2P
   Negative-Common Opto-Isolated Digital I/O for PCI Express
logo
Schneider Electric
170ADM35011 SCHNEIDER-170ADM35011 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 12, 2022
170ADM35010 SCHNEIDER-170ADM35010 Datasheet
228Kb / 8P
   discrete I/O module Modicon Momentum - 16 I/O solid state
Apr 11, 2022
logo
Omron Electronics LLC
G3TC OMRON-G3TC Datasheet
1Mb / 14P
   Solid State Relays for Industrial I/O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com