Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1867DL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1867DL
Description  Load Switch with Level-Shift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1867DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1867DL Datasheet HTML 1Page - Vishay Siliconix SI1867DL Datasheet HTML 2Page - Vishay Siliconix SI1867DL Datasheet HTML 3Page - Vishay Siliconix SI1867DL Datasheet HTML 4Page - Vishay Siliconix SI1867DL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si1867DL
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72534
S-32132—Rev. A, 27-Oct-03
FUNCTIONAL BLOCK DIAGRAM
D2
SC70-6
Top View
6
4
1
2
3
5
S2
ON/OFF
R1, C1
D2
D2
R2
S2
ON/OFF
R2
1
4
6
5
Q1
Q2
Si1867DL
R1, C1
2, 3
Ordering Information: Si1867DL-T1-E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
8
V
ON/OFF Voltage
VON/OFF
8
V
Load Current
Continuousa, b
IL
"0.6
Load Current
Pulsedb, c
IL
"3
A
Continuous Intrinsic Diode Conductiona
IS
−0.4
Maximum Power Dissipationa
PD
0.4
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
ESD Rating, MIL-STD-883D Human Body Model (100 pF, 1500 W)
ESD
2
kV
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (continuous current)a
RthJA
260
320
_C/W
Maximum Junction-to-Foot (Q2)
RthJF
190
230
_C/W
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF Characteristics
Reverse Leakage Current
IFL
VIN = 8 V, VON/OFF = 0 V
1
mA
Diode Forward Voltage
VSD
IS = −0.4 A
0.85
1.1
V
ON Characteristics
Input Voltage Range
VIN
1.8
8
V
VON/OFF = 1.5 V, VIN = 4.5 V, ID = 0.6 A
0.480
0.600
On-Resistance (p-channel) @ 1 A
rDS(on)
VON/OFF = 1.5 V, VIN = 2.5 V, ID = 0.5 A
0.690
0.850
W
()
VON/OFF = 1.5 V, VIN = 1.8 V, ID = 0.4 A
0.950
1.200
On State (p channel) Drain Current
ID( )
VIN-OUT v 0.2 V, VIN = 5 V, VON/OFF = 1.5 V
1
A
On-State (p-channel) Drain-Current
ID(on)
VIN-OUT v 0.3 V, VIN = 3 V, VON/OFF = 1.5 V
1
A
Notes
a.
Surface Mounted on FR4 Board.
b.
VIN = 8 V, VON/OFF = 8 V, TA = 25_C.
c.
Pulse test: pulse width v300 ms, duty cycle v2%.


Similar Part No. - SI1867DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1867DL VISHAY-SI1867DL Datasheet
124Kb / 6P
   Load Switch with Level-Shift
01-Jan-2022
SI1867DL VISHAY-SI1867DL_V01 Datasheet
124Kb / 6P
   Load Switch with Level-Shift
01-Jan-2022
More results

Similar Description - SI1867DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com