Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MH240FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MH240FK
Description  3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH240FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MH240FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MH240,244FK
2001-10-23
5
AC Characteristics (Input: tr
==== tf ==== 3 ns)
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
¾
5.3
7.5
1.0
9.0
3.3
± 0.3
50
¾
7.8
11.0
1.0
12.5
15
¾
3.6
5.5
1.0
6.5
Propagation delay time
(TC7MH240FK)
tpLH
tpHL
¾
5.0
± 0.5
50
¾
5.1
7.5
1.0
8.5
ns
15
¾
5.8
8.4
1.0
10.0
3.3
± 0.3
50
¾
8.3
11.9
1.0
13.5
15
¾
3.9
5.5
1.0
6.5
Propagation delay time
(TC7MH244FK)
tpLH
tpHL
¾
5.0
± 0.5
50
¾
5.4
7.5
1.0
8.5
ns
15
¾
6.6
10.6
1.0
12.5
3.3
± 0.3
50
¾
9.1
14.1
1.0
16.0
15
¾
4.7
7.3
1.0
8.5
3-state output enable time
tpZL
tpZH
RL = 1 kW
5.0
± 0.5
50
¾
6.2
9.3
1.0
10.5
ns
3.3
± 0.3
50
¾
10.3
14.0
1.0
16.0
3-state output disable time
tpLZ
tpHZ
RL = 1 kW
5.0
± 0.5
50
¾
6.7
9.2
1.0
10.5
ns
3.3
± 0.3
50
¾
¾
1.5
¾
1.5
Output to output skew
tosLH
tosHL
(Note1)
5.0
± 0.5
50
¾
¾
1.0
¾
1.0
ns
Input capacitance
CIN
¾
¾
4
10
¾
10
pF
Output capacitance
COUT
¾
¾
6
¾
¾
¾
pF
TC7MH240FK
¾
17
¾
¾
¾
Power dissipation
capacitance
(Note2)
CPD
TC7MH244FK
¾
19
¾
¾
¾
pF
Note1: Parameter guaranteed by design.
tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|
Note2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Similar Part No. - TC7MH240FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH240FK TOSHIBA-TC7MH240FK Datasheet
194Kb / 8P
   Octal Bus Buffer
TC7MH240FK TOSHIBA-TC7MH240FK_07 Datasheet
194Kb / 8P
   Octal Bus Buffer
More results

Similar Description - TC7MH240FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC240F TOSHIBA-TC74VHC240F_12 Datasheet
210Kb / 10P
   Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
TC7W240FU TOSHIBA-TC7W240FU Datasheet
189Kb / 4P
   INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU_01 Datasheet
207Kb / 5P
   INVERTED, 3-STATE OUTPUTS
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
TC7MET240AFK TOSHIBA-TC7MET240AFK_07 Datasheet
189Kb / 7P
   Inverted, 3-State Outputs
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
   TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
logo
Renesas Technology Corp
HD74HC442 RENESAS-HD74HC442 Datasheet
189Kb / 8P
   Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)
logo
Toshiba Semiconductor
TC7W241FU TOSHIBA-TC7W241FU Datasheet
188Kb / 4P
   NON-INVERTED, 3-STATE OUTPUTS
logo
Diodes Incorporated
74AVC1T45 DIODES-74AVC1T45 Datasheet
553Kb / 17P
   TRANSCEIVER WITH 3 STATE OUTPUTS
logo
Toshiba Semiconductor
TC7W241FU TOSHIBA-TC7W241FU_01 Datasheet
208Kb / 5P
   NON-INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com