Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMD31012 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31012
Description  Two low-cost sensor signal conditioners ZMD31010 chips in one package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31012 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31012 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31012 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features two ZMD31010
• Separate digital compensation of sensor offset, sensitivity,
temperature coefficient and non-linearity
• Accommodates differential sensor signal spans from 1.2mV/V
to 60mV/V for two inputs
• Dual ZACwireTM one-wire interface
• Internal temperature compensation reference
via bandgap PTAT*
• Optional sequential output of both temperature and bridge
readings two ZACwireTM digital output
• Output options: ratiometric analog voltage, absolute analog
voltage, digital one-wire-interface
• Supply voltage 2.7V to 5.5V, with external JFET 5.5V to 30V
• Current consumption 2mA
• Operation temperature -50°C to +150°C
• Fast response time: 1ms
• High voltage protection up to 30V with external JFET
• Chopper stabilized true differential ADC
• Buffered and chopper stabilize output DAC
*Proportional to absolute temperature
• ZMD31010 Development Kit can be used
• Support for industrial mass calibration will be available
• Quick circuit customization possible for large production volumes
Application Circuit
Benefits
The ZMD31012 combines the benefits of two single ZMD31010.
• No external trimming components required
• PC-controlled configuration and calibration via one-wire interface
– simple, low cost
• High accuracy (±0.1% FSO @ -25°C to 85°C;
±0.25% FSO @ -40°C to 125°C)
• Single pass calibration – quick and precise
Due to the two independent channels the ZMD31012 provides
a perfect fit for the following selected samples:
• Applications that require redundancy
• Measurement of differential pressure
• Flow Sensors
Brief Description
The ZMD31012 consists of two ZMD31010 dies in a standard
SSOP14 packages. ZMD31012 is a CMOS integrated circuit, which
enables easy and precise calibration of resistive bridge sensors via
EEPROM. When mated to a resistive bridge sensor, it will digitally
correct offset and gain with the option to correct offset and gain
coefficients and linearity over temperature. A second compensa-
tion can be enabled for temperature coefficients of gain or offset
or bridge linearity. ZMD31012 communicates via ZMD’s ZACwireTM
serial interface to the host computer and is easily mass calibrated in
a Windows® environment.
Once calibrated, the output SIGTM pin can provide selectable 0V to
1V, rail-to-rail ratiometric analog output, or digital serial output of
bridge data with optional temperature data.
The Analog Mixed Signal Company
ZMD31012
RBic2Lite
Two Low-cost Sensor Signal Conditioners
ZMD31010 Chips in One Package
P R E L I M I N A RY


Similar Part No. - ZMD31012

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEB ZMD-ZMD31010CEB Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEC ZMD-ZMD31010CEC Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CED ZMD-ZMD31010CED Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31012

ManufacturerPart #DatasheetDescription
logo
Micross Components
MYXB21200-20GAB MICROSS-MYXB21200-20GAB Datasheet
365Kb / 4P
   Two devices in one hermetic package
logo
M-System Co.,Ltd.
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
   Head-mounted Two-wire Signal Conditioners
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
   Head-mounted Two-wire Signal Conditioners
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
M-System Co.,Ltd.
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
   Head-mounted Two-wire Signal Conditioners
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com