Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH16652DGG Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ACH16652DGG
Description  16-bit transceiver/register with dual enable; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACH16652DGG Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ACH16652DGG Datasheet HTML 7Page - NXP Semiconductors ACH16652DGG Datasheet HTML 8Page - NXP Semiconductors ACH16652DGG Datasheet HTML 9Page - NXP Semiconductors ACH16652DGG Datasheet HTML 10Page - NXP Semiconductors ACH16652DGG Datasheet HTML 11Page - NXP Semiconductors ACH16652DGG Datasheet HTML 12Page - NXP Semiconductors ACH16652DGG Datasheet HTML 13Page - NXP Semiconductors ACH16652DGG Datasheet HTML 14Page - NXP Semiconductors ACH16652DGG Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Nov 23
11
Philips Semiconductors
Product specification
16-bit transceiver/register with dual enable; 3-state
74ALVCH16652
AC CHARACTERISTICS FOR VCC = 2.7 V AND VCC = 3.0 TO 3.6 V
Ground = 0 V; tr =tf ≤ 2.5 ns; CL =50pF.
Notes
1. All typical values are measured at Tamb =25 °C.
2. Typical values at VCC = 3.3 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
nAn,nBn to nBn,nAn
see Figs 6 and 10
2.7
2.8
4.5
ns
3.0 to 3.6
1.0
2.6(2)
3.9
propagation delay
nCPAB, nCPBA to nBn,nAn
see Figs 8 and 10
2.7
3.1
5.2
ns
3.0 to 3.6
1.4
2.9(2)
4.5
propagation delay
nSAB,nSBA to nBn,nAn
see Figs 7 and 10
2.7
3.5
6.4
ns
3.0 to 3.6
1.3
3.1(2)
5.3
tPZH/tPZL
3-state output enable time
nOEAB to nBn
see Figs 9 and 10
2.7
2.4
4.6
ns
3.0 to 3.6
1.0
2.2(2)
4.0
tPHZ/tPLZ
3-state output disable time
nOEAB to nBn
see Figs 9 and 10
2.7
3.4
5.1
ns
3.0 to 3.6
1.4
2.7(2)
4.5
tPZH/tPZL
3-state output enable time
nOEBA to nAn
see Figs 9 and 10
2.7
3.0
4.6
ns
3.0 to 3.6
1.0
2.2(2)
4.0
tPHZ/tPLZ
3-state output disable time
nOEBA to nAn
see Figs 9 and 10
2.7
3.1
5.1
ns
3.0 to 3.6
1.1
2.9(2)
4.5
tW
clock pulse width HIGH or
LOW nCPAB or nCPBA
see Figs 8 and 10
2.7
3.3
1.0
ns
3.0 to 3.6
3.3
0.7(2)
tsu
set-up time
nAn,nBn to nCPAB, nCPBA
see Figs 8 and 10
2.7
1.7
0.2
ns
3.0 to 3.6
1.4
0.3(2)
th
hold time
nAn,nBn to nCPAB, nCPBA
see Figs 8 and 10
2.7
0.4
0.1
ns
3.0 to 3.6
0.7
0.2(2)
fmax
maximum clock pulse
frequency
see Figs 8 and 10
2.7
150
320
MHz
3.0 to 3.6
150
320(2)


Similar Part No. - ACH16652DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACH16646DGG PHILIPS-ACH16646DGG Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
More results

Similar Description - ACH16652DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
   16-bit transceiver with dual enable; 3-state
1999 Sep 20
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com