Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16825 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVCH16825
Description  18-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16825 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVCH16825 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH16825
18-bit buffer/driver (3-State)
1998 Jul 27
4
LOGIC DIAGRAM
nYn
TO 8 OTHER CHANNELS
nAn
nOE2
nOE1
SH00140
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage 2.5V range (for max. speed
performance @ 30 pF output load)
2.3
2.7
V
VCC
DC supply voltage 3.3V range (for max. speed
performance @ 50 pF output load)
3.0
3.6
V
VI
DC Input voltage range
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0V
VCC = 3.0 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For control pins2
–0.5 to +4.6
V
VI
DC in ut voltage
For data inputs2
–0.5 to VCC +0.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 2
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic medium-shrink (SSOP)
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3 mW/K
above +55
°C derate linearly with 8 mW/K
850
600
mW
NOTE:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ALVCH16825

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16825 NEXPERIA-74ALVCH16825 Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
74ALVCH16825DGG NEXPERIA-74ALVCH16825DGG Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
74ALVCH16825DGGRE4 TI-74ALVCH16825DGGRE4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
74ALVCH16825DGGRG4 TI-74ALVCH16825DGGRG4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
74ALVCH16825DLG4 TI-74ALVCH16825DLG4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
More results

Similar Description - 74ALVCH16825

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH16825 NEXPERIA-74ALVCH16825 Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ18825 FAIRCHILD-74ACTQ18825 Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16241A PHILIPS-74ABT16241A Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
   18-bit registered driver (3-State)
2002 Jun 05
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
74AVC16835 PHILIPS-74AVC16835 Datasheet
89Kb / 10P
   18-bit registered driver 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com