Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK3104SA Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK3104SA
Description  QUAD 3.125 Gbps SERIAL TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3104SA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK3104SA Datasheet HTML 6Page - Texas Instruments TLK3104SA Datasheet HTML 7Page - Texas Instruments TLK3104SA Datasheet HTML 8Page - Texas Instruments TLK3104SA Datasheet HTML 9Page - Texas Instruments TLK3104SA Datasheet HTML 10Page - Texas Instruments TLK3104SA Datasheet HTML 11Page - Texas Instruments TLK3104SA Datasheet HTML 12Page - Texas Instruments TLK3104SA Datasheet HTML 13Page - Texas Instruments TLK3104SA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TLK3104SA
QUAD 3.125 Gbps SERIAL TRANSCEIVER
SCAS651B-– AUGUST 2000 – REVISED SEPTEMBER 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
channel clock to serial transmit clock synchronization (continued)
Channel
Logic
Protocol Device
TX
FIFO
Channel A
TCA
TLK3104SA
Serdes
Core
Data A
Channel
Logic
TX
FIFO
Channel B
TCB
Data B
Serdes
Core
Channel
Logic
TX
FIFO
Channel C
TCC
Data C
Serdes
Core
Channel
Logic
TX
FIFO
Channel D
TCD
Data D
Serdes
Core
Xtal OSC
RFCP/RFCN
Figure 7. Transmit and Reference Clock Relationship (Independent Channel Mode)
receive data bus timing
For each channel, the receiver portion of the TLK3104SA outputs the recovered deserialized data on receive
data bus TDx[0..9] on both the rising and falling edges of the receive data clock, as shown in Figure 8. Depending
on the state of PSYNC pin the receive data clock is either RCA (channel sync mode) or the individual receive
channel clocks, RCA–RCD (independent channel mode). When in the channel sync mode, RCB, RCC, and
RCD pins are held low.
tsu
th
th
tsu
Data
Data
RCA, RCB,
RCC, RCD
RDx[0...9]
Figure 8. Receive Interface Timing


Similar Part No. - TLK3104SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3104SAGNT TI1-TLK3104SAGNT Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
More results

Similar Description - TLK3104SA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
[Old version datasheet]   DS30BA101 3.125 Gbps Differential Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com