Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH16827DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ACH16827DGG
Description  20-bit buffer/line driver, non-inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACH16827DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ACH16827DGG Datasheet HTML 2Page - NXP Semiconductors ACH16827DGG Datasheet HTML 3Page - NXP Semiconductors ACH16827DGG Datasheet HTML 4Page - NXP Semiconductors ACH16827DGG Datasheet HTML 5Page - NXP Semiconductors ACH16827DGG Datasheet HTML 6Page - NXP Semiconductors ACH16827DGG Datasheet HTML 7Page - NXP Semiconductors ACH16827DGG Datasheet HTML 8Page - NXP Semiconductors ACH16827DGG Datasheet HTML 9Page - NXP Semiconductors ACH16827DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH16827
20-bit buffer/line driver, non-inverting (3-State)
1998 Jul 27
7
AC WAVEFORMS FOR VCC = 2.3V TO 2.7V AND
VCC < 2.3V RANGE
VM = 0.5 V
VX = VOL + 0.15V
VY = VOH –0.15V
VOL and VOH are the typical output voltage drop that occur with the
output load.
AC WAVEFORMS FOR VCC = 3.0V TO 3.6V AND
VCC = 2.7V RANGE
VM = 1.5 V
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = 2.7V
V
I = VCC
An
INPUT
tPHL
tPLH
VOL
VI
GND
VOH
Yn
OUTPUT
SH00132
VM
VM
Waveform 1. The Input (nAx) to Output (nYx) Propagation
Delays
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SH00137
Waveform 2. The 3-State Output Enable and Disable Times
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 500 Ω
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
RL = 500 Ω
2 * VCC
SV00906
Waveform 3. Load circuitry for switching times


Similar Part No. - ACH16827DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACH16821DGG PHILIPS-ACH16821DGG Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
ACH16821DL PHILIPS-ACH16821DL Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
ACH16823DGG PHILIPS-ACH16823DGG Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
ACH16823DL PHILIPS-ACH16823DL Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
ACH16825DGG PHILIPS-ACH16825DGG Datasheet
73Kb / 10P
   18-bit buffer/driver 3-State
1998 Jul 27
More results

Similar Description - ACH16827DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com