Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP0002-19056 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SP0002-19056
Description  OptiMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0002-19056 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SP0002-19056 Datasheet HTML 1Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 2Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 3Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 4Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 5Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 6Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 7Page - Infineon Technologies AG SP0002-19056 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IPB100N04S2-04
IPP100N04S2-04
OptiMOS® Power-Transistor
Features
• N-channel - Enhancement mode
• Automotive AEC Q101 qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
Green package (lead free)
• Ultra low Rds(on)
• 100% Avalanche tested
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
1)
I D
T C=25 °C, V GS=10 V
100
A
T C=100 °C,
V GS=10 V
2)
100
Pulsed drain current
2)
I D,pulse
T C=25 °C
400
Avalanche energy, single pulse
2)
E AS
I D=80A
810
mJ
Gate source voltage
4)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
300
W
Operating and storage temperature
T j, T stg
-55 ... +175
°C
Value
V DS
40
V
R DS(on),max (SMD version)
3.3
m
I D
100
A
Product Summary
Type
Package
Ordering Code
Marking
IPB100N04S2-04
PG-TO263-3-2
SP0002-19061
PN0404
IPP100N04S2-04
PG-TO220-3-1
SP0002-19056
PN0404
PG-TO220-3-1
PG-TO263-3-2
Rev. 1.0
page 1
2006-03-02


Similar Part No. - SP0002-19056

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0002-19050 INFINEON-SP0002-19050 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19051 INFINEON-SP0002-19051 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19052 INFINEON-SP0002-19052 Datasheet
155Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19053 INFINEON-SP0002-19053 Datasheet
155Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19054 INFINEON-SP0002-19054 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
More results

Similar Description - SP0002-19056

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com