Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000067147 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SP000067147
Description  CoolMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000067147 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SP000067147 Datasheet HTML 1Page - Infineon Technologies AG SP000067147 Datasheet HTML 2Page - Infineon Technologies AG SP000067147 Datasheet HTML 3Page - Infineon Technologies AG SP000067147 Datasheet HTML 4Page - Infineon Technologies AG SP000067147 Datasheet HTML 5Page - Infineon Technologies AG SP000067147 Datasheet HTML 6Page - Infineon Technologies AG SP000067147 Datasheet HTML 7Page - Infineon Technologies AG SP000067147 Datasheet HTML 8Page - Infineon Technologies AG SP000067147 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPW60R099CP
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D=f(V DS); T j=150 °C
R DS(on)=f(I D); T j=150 °C
parameter: V GS
parameter: V GS
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R DS(on)=f(T j); I D=18 A; V GS=10 V
I D=f(V GS); |V DS|>2|I D|R DS(on)max
parameter: T j
typ
98 %
0
0.05
0.1
0.15
0.2
0.25
0.3
-60
-20
20
60
100
140
180
T j [°C]
C °25
C °150
0
40
80
120
160
02
46
8
10
V GS [V]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
10
20
30
40
50
0
5
10
15
20
V DS [V]
5 V
5.5 V
6 V
6.5 V
7 V
20 V
0
0.1
0.2
0.3
0.4
0.5
0
1020
304050
I D [A]
Rev. 2.0
page 5
2006-06-19


Similar Part No. - SP000067147

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000067149 INFINEON-SP000067149 Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
More results

Similar Description - SP000067147

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com