Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162344 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVT162344
Description  2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162344 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT162344 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162344
2.5V/3.3V 1-to-4 address driver with 30
Ω termination
resistors (3-State)
1998 Jun 30
4
LOGIC DIAGRAM
SV01736
2
3
5
6
9
10
12
13
16
17
19
20
23
24
26
27
34
33
31
30
41
40
38
37
48
47
45
44
55
54
52
51
OE4
OE2
OE3
OE1
56
28
29
1
8
14
15
21
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
5Y0
5Y1
5Y2
5Y3
6Y0
6Y1
6Y2
6Y3
7Y0
7Y1
7Y2
373
8Y0
8Y1
8Y2
8Y3
1A
2A
3A
4A
36
42
43
49
5A
6A
7A
8A
LOGIC SYMBOL


Similar Part No. - 74ALVT162344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162731 PHILIPS-74ALVT162731 Datasheet
94Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
1999 Mar 23
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16344 PHILIPS-74ALVT16344 Datasheet
88Kb / 12P
   2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com