Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000221225 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SP000221225
Description  Smart Sense High-Side Power Switch For Industrial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000221225 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SP000221225 Datasheet HTML 2Page - Infineon Technologies AG SP000221225 Datasheet HTML 3Page - Infineon Technologies AG SP000221225 Datasheet HTML 4Page - Infineon Technologies AG SP000221225 Datasheet HTML 5Page - Infineon Technologies AG SP000221225 Datasheet HTML 6Page - Infineon Technologies AG SP000221225 Datasheet HTML 7Page - Infineon Technologies AG SP000221225 Datasheet HTML 8Page - Infineon Technologies AG SP000221225 Datasheet HTML 9Page - Infineon Technologies AG SP000221225 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PROFET® ITS 640S2
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
Page 6
2006-Mar-28
Current sense settling time to IIS static
±10% after
positive input slope12) , IL = 0
5 A,
Tj= -40...+150°C
tson(IS)
--
--
300
µs
Current sense settling time to 10% of IIS static after
negative input slope13) , IL = 5
0 A ,
Tj= -40...+150°C
tsoff(IS)
--
30
100
µs
Current sense rise time (60% to 90%) after change
of load current13) , IL = 2.5
5 A
tslc(IS)
--
10
--
µs
Open load detection voltage13) (off-condition)
Tj=-40..150°C:
VOUT(OL)
2
3
4V
Internal output pull down
(pin 6 to 2), VOUT=5 V, Tj=-40..150°C
RO
5
15
40
k
Input and Status Feedback14)
Input resistance
see circuit page 7
RI
3,0
4,5
7,0
k
Input turn-on threshold voltage
Tj =-40..+150°C: VIN(T+)
--
--
3.5
V
Input turn-off threshold voltage
Tj =-40..+150°C: VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆ VIN(T)
--
0.5
--
V
Off state input current (pin 3), VIN = 0.4 V
Tj =-40..+150°C IIN(off)
1
--
50
µA
On state input current (pin 3), VIN = 5 V
Tj =-40..+150°C IIN(on)
20
50
90
µA
Delay time for status with open load
after Input neg. slope (see diagram page 12)
td(ST OL3)
--
400
--
µs
Status delay after positive input slope13)
Tj=-40 ... +150°C: tdon(ST)
--
13
--
µs
Status delay after negative input slope13)
Tj=-40 ... +150°C: tdoff(ST)
--
1
--
µs
Status output (open drain)
Zener limit voltage Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
6.9
0.4
0.7
V
Status leakage current, VST = 5 V,
Tj=25 ... +150°C: IST(high)
--
--
2
µA
12) not subject to production test, specified by design
13) External pull up resistor required for open load detection in off state.
14) If a ground resistor RGND is used, add the voltage drop across this resistor.


Similar Part No. - SP000221225

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000221220 INFINEON-SP000221220 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
SP000221224 INFINEON-SP000221224 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
SP000221227 INFINEON-SP000221227 Datasheet
323Kb / 15P
   Smart Highside Power Switch for Industrial Applications
2006-Mar-28
SP000221228 INFINEON-SP000221228 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000221229 INFINEON-SP000221229 Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
More results

Similar Description - SP000221225

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com