Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000219534 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SP000219534
Description  Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219534 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SP000219534 Datasheet HTML 1Page - Infineon Technologies AG SP000219534 Datasheet HTML 2Page - Infineon Technologies AG SP000219534 Datasheet HTML 3Page - Infineon Technologies AG SP000219534 Datasheet HTML 4Page - Infineon Technologies AG SP000219534 Datasheet HTML 5Page - Infineon Technologies AG SP000219534 Datasheet HTML 6Page - Infineon Technologies AG SP000219534 Datasheet HTML 7Page - Infineon Technologies AG SP000219534 Datasheet HTML 8Page - Infineon Technologies AG SP000219534 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PROFET® ITS 716G
Infineon Technologies AG
3 of 14
2006-Mar-23
Pin Definitions and Functions
Pin
Symbol Function
1,10,
11,12,
15,16,
19,20
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
3
IN1
5
IN2
7
IN3
9
IN4
Input 1,2,3,4 activates channel 1,2,3,4 in case
of logic high signal
18
OUT1
17
OUT2
14
OUT3
13
OUT4
Output 1,2,3,4 protected high-side power output
of channel 1,2,3,4. Design the wiring for the
max. short circuit current
4
ST1/2
Diagnostic feedback 1/2,3/4 of channel 1,2,3,4
8
ST3/4
open drain, low on failure
2
GND1/2 Ground of chip 1 (channel 1,2)
6
GND3/4 Ground of chip 2 (channel 3,4)
Pin configuration
(top view)
Vbb 1
20 Vbb
GND1/2 2
19 Vbb
IN1 3
18 OUT1
ST1/2 4
17 OUT2
IN2 5
16 Vbb
GND3/4 6
15 Vbb
IN3 7
14 OUT3
ST3/4 8
13 OUT4
IN4 9
12 Vbb
Vbb 10
11 Vbb


Similar Part No. - SP000219534

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219532 INFINEON-SP000219532 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
SP000219533 INFINEON-SP000219533 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
SP000219536 INFINEON-SP000219536 Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
More results

Similar Description - SP000219534

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
ITS724G INFINEON-ITS724G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?
2006-Mar-28
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
   Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com