Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000240073 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SP000240073
Description  Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000240073 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SP000240073 Datasheet HTML 1Page - Infineon Technologies AG SP000240073 Datasheet HTML 2Page - Infineon Technologies AG SP000240073 Datasheet HTML 3Page - Infineon Technologies AG SP000240073 Datasheet HTML 4Page - Infineon Technologies AG SP000240073 Datasheet HTML 5Page - Infineon Technologies AG SP000240073 Datasheet HTML 6Page - Infineon Technologies AG SP000240073 Datasheet HTML 7Page - Infineon Technologies AG SP000240073 Datasheet HTML 8Page - Infineon Technologies AG SP000240073 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ITS 4140N
Datasheet
Page 1
Rev. 2.1, 2006-07-24
Smart High-Side Power Switch
for Industrial Applications
One channel: 1 x 1
Features
• Current controlled input
• Short circuit protection
• Current limitation
• Overload protection
• Overvoltage protection (including load dump)
• Switching inductive loads
• Clamp of negative voltage at output with inductive loads
• Thermal shutdown with restart
• ESD – Protection
• Loss of GND and loss of Vbb protection
• Very low standby current
• Reverse battery protection
• Improved electromagnetic compatibility (EMC)
Application
• All types of resistive, inductive and capacitive loads in industrial applications
• Current controlled power switch for 12V, 24V and 42V DC industrial applications
• Driver for electromagnetic relays
• Signal amplifier
General Description
• N channel vertical power MOSFET with charge pump and current controlled input,
monolithically integrated in Smart SIPMOS® technology.
• Providing embedded protection functions.
Type
Ordering code
Package
ITS 4140N
SP000240073
PG-SOT223
PG-SOT223
1
2
3
4
Product Summary
Overvoltage protection
Vbbin(AZ)
62
V
Operating voltage
Vbb(on)
4,9...60
V
On-state resistance
RON
1
Operating Temperature
Ta
-30 … +85 °C


Similar Part No. - SP000240073

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000248475 INFINEON-SP000248475 Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor for Industrial Use
V 1.0, June 2007
More results

Similar Description - SP000240073

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com