Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000219536 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SP000219536
Description  Smart High-Side Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219536 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SP000219536 Datasheet HTML 6Page - Infineon Technologies AG SP000219536 Datasheet HTML 7Page - Infineon Technologies AG SP000219536 Datasheet HTML 8Page - Infineon Technologies AG SP000219536 Datasheet HTML 9Page - Infineon Technologies AG SP000219536 Datasheet HTML 10Page - Infineon Technologies AG SP000219536 Datasheet HTML 11Page - Infineon Technologies AG SP000219536 Datasheet HTML 12Page - Infineon Technologies AG SP000219536 Datasheet HTML 13Page - Infineon Technologies AG SP000219536 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2006-03-09
Page 10
ITS 4141N
Terms
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
V
Z
V
ON
PROFET
V
IN
OUT
GND
bb
VIN
IIN
V
bb
Ibb
IL
VOUT
IGND
VON
RGND
VON clamped to 63 V min.
Input circuit (ESD protection)
Overvoltage protection of logic part
IN
GN D
I
R
I
I
Vb b
+ V bb
IN
GN D
GN D
R
S igna l G N D
Lo gic
V Z2
optiona l
The use of ESD zener diodes as voltage clamp
at DC conditions is not recommended
VZ2=Vbb(AZ)=47V min.,
RI=3 kΩ typ., RGND=150Ω
Reverse battery protection
GN D
L ogi c
IN
OU T
L
R
Po w e r G N D
GN D
R
S i gnal G N D
Po w e r
In v e r s e
I
R
V bb
-
D i ode
opt i onal
RGND=150Ω, RI=3kΩ typ.,
Temperature protection is not active during inverse
current


Similar Part No. - SP000219536

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219532 INFINEON-SP000219532 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
SP000219533 INFINEON-SP000219533 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
SP000219534 INFINEON-SP000219534 Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
More results

Similar Description - SP000219536

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com