Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDC53D120H6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SIDC53D120H6
Description  Fast switching diode chip in EMCON-Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC53D120H6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SIDC53D120H6 Datasheet HTML 1Page - Infineon Technologies AG SIDC53D120H6 Datasheet HTML 2Page - Infineon Technologies AG SIDC53D120H6 Datasheet HTML 3Page - Infineon Technologies AG SIDC53D120H6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
SIDC53D120H6
Edited by INFINEON Technologies AI PS DD HV3, L 4392S, Edition 1, 8.01.2002
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
1200
V
Continuous forward current limited by
Tjmax
I F
100
Single pulse forward current
(depending on wire bond configuration)
I FSM
tP = 10 ms sinusoidal
tbd
Maximum repetitive forward current
limited by Tjmax
I FRM
200
A
Operating junction and storage
temperature
Tj , Tstg
-55...+150
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=1200V
Tj=25 ° C
27
µA
Cathode-Anode
breakdown Voltage
V Br
I R=4mA
Tj=25°C
1200
V
Forward voltage drop
V F
I F=100A
Tj=25 ° C
1.6
V
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
t rr1
IF=100A
Tj =25°C
tbd
Reverse recovery time
t rr2
di/dt=1100A/
µs
VR=600V
Tj =125°C
ns
I RRM1
Tj =25°C
119.8
Peak recovery current
I RRM2
IF=100A
di/dt=1100A/
µs
VR= 600V
Tj =125°C
127.5
A
Qrr1
Tj=25 ° C
10
Reverse recovery charge
Qrr2
IF=100A
di/dt=1100A/
µs
VR= 600V
Tj=125 ° C
18
µC
dirr1/dt
Tj= 25 ° C
tbd
Peak rate of fall of reverse
recovery current
dirr2/dt
IF=100A
di/dt=1100A/
µs
VR= 600V
Tj=125 ° C
A/
µs
S1
Tj=25 ° C
tbd
Softness
S2
IF=100A
di/dt=1100A/
µs
VR= 600V
Tj=125 ° C
1


Similar Part No. - SIDC53D120H6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC53D120H8 INFINEON-SIDC53D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
More results

Similar Description - SIDC53D120H6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC14D60F6 INFINEON-SIDC14D60F6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC14D120E6 INFINEON-SIDC14D120E6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC23D120E6 INFINEON-SIDC23D120E6 Datasheet
246Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC30D120E6 INFINEON-SIDC30D120E6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D60E6 INFINEON-SIDC56D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D120F6 INFINEON-SIDC56D120F6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC02D60F6 INFINEON-SIDC02D60F6 Datasheet
71Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC07D60AF6 INFINEON-SIDC07D60AF6 Datasheet
68Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC08D120F6 INFINEON-SIDC08D120F6 Datasheet
73Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC09D60E6 INFINEON-SIDC09D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 20.07.04
SIDC30D120H6 INFINEON-SIDC30D120H6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com