Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67050-A4107-A001 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # Q67050-A4107-A001
Description  IGBT3 Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67050-A4107-A001 Datasheet(HTML) 1 Page - Infineon Technologies AG

  Q67050-A4107-A001 Datasheet HTML 1Page - Infineon Technologies AG Q67050-A4107-A001 Datasheet HTML 2Page - Infineon Technologies AG Q67050-A4107-A001 Datasheet HTML 3Page - Infineon Technologies AG Q67050-A4107-A001 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIGC84T120R3
Edited by INFINEON Technologies AI PS DD HV3, L7671A, Edition 2, 04.09.2003
IGBT
3
Chip
This chip is used for:
power module
FEATURES:
1200V Trench + Field Stop technology
low turn-off losses
short tail current
positive temperature coefficient
easy paralleling
Applications:
drives
G
C
E
Chip Type
VCE
ICn
Die Size
Package
Ordering Code
SIGC84T120R3
1200V
75A
9.13 x 9.15 mm
2
sawn on foil
Q67050-
A4107-A001
MECHANICAL PARAMETER:
Raster size
9.13 x 9.15
Emitter pad size
8x(1.864 x 3.736)
Gate pad size
1.139 x 1.139
mm
Area total / active
83.5 / 63.6
mm
2
Thickness
140
µm
Wafer size
150
mm
Flat position
90
grd
Max.possible chips per wafer
164 pcs
Passivation frontside
Photoimide
Emitter metallization
3200 nm AlSiCu
Collector metallization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al, <500µm
Reject Ink Dot Size
∅ 0.65mm ; max 1.2mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - Q67050-A4107-A001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67050-A4100 INFINEON-Q67050-A4100 Datasheet
66Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
Q67050-A4101-A102 INFINEON-Q67050-A4101-A102 Datasheet
66Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
Q67050-A4102-A001 INFINEON-Q67050-A4102-A001 Datasheet
74Kb / 4P
   IGBT Chip
Edition 2, 04.09.2003
Q67050-A4103-A001 INFINEON-Q67050-A4103-A001 Datasheet
75Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
Q67050-A4104-A001 INFINEON-Q67050-A4104-A001 Datasheet
77Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
More results

Similar Description - Q67050-A4107-A001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC06T60G INFINEON-SIGC06T60G Datasheet
75Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC32T120R3L INFINEON-SIGC32T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC15T60 INFINEON-SIGC15T60 Datasheet
76Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC42T170R3G INFINEON-SIGC42T170R3G Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 1, 08.01.04
SIGC158T120R3 INFINEON-SIGC158T120R3 Datasheet
81Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
SIGC186T170R3 INFINEON-SIGC186T170R3 Datasheet
70Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC08T60 INFINEON-SIGC08T60 Datasheet
76Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
SIGC12T120L INFINEON-SIGC12T120L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC57T120R3L INFINEON-SIGC57T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC68T170R3 INFINEON-SIGC68T170R3 Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC76T60R3 INFINEON-SIGC76T60R3 Datasheet
83Kb / 4P
   IGBT3 Chip
Edition 2, 27.01.2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com