Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW25N120 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SKW25N120
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW25N120 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SKW25N120 Datasheet HTML 1Page - Infineon Technologies AG SKW25N120 Datasheet HTML 2Page - Infineon Technologies AG SKW25N120 Datasheet HTML 3Page - Infineon Technologies AG SKW25N120 Datasheet HTML 4Page - Infineon Technologies AG SKW25N120 Datasheet HTML 5Page - Infineon Technologies AG SKW25N120 Datasheet HTML 6Page - Infineon Technologies AG SKW25N120 Datasheet HTML 7Page - Infineon Technologies AG SKW25N120 Datasheet HTML 8Page - Infineon Technologies AG SKW25N120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SKW25N120
Power Semiconductors
2
Rev. 2_1
Apr 06
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
0.4
Diode thermal resistance,
junction – case
RthJCD
1.15
Thermal resistance,
junction – ambient
RthJA
40
K/W
Electrical Characteristic, at Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V,
IC=1500µA
1200
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=25A
Tj=25°C
Tj=150°C
2.5
-
3.1
3.7
3.6
4.3
Diode forward voltage
VF
VGE=0V, IF=25A
Tj=25°C
Tj=150°C
-
2.0
1.75
2.5
Gate-emitter threshold voltage
VGE(th)
IC=1000µA,
VCE=VGE
3
4
5
V
Zero gate voltage collector current
.
ICES
VCE=1200V,VGE=0V
Tj=25°C
Tj=150°C
-
-
-
-
350
1400
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=25A
20
-
S
Dynamic Characteristic
Input capacitance
Ciss
-
2150
2600
Output capacitance
Coss
-
260
310
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
110
130
pF
Gate charge
QGate
VCC=960V, IC=25A
VGE=15V
-
225
300
nC
Internal emitter inductance
Measured 5mm (0.197 in.) from case
LE
-
13
-
nH
Short circuit collector current
1)
IC(SC)
VGE=15V,tSC≤10µs
100V
≤VCC≤1200V,
Tj ≤ 150°C
-
240
-
A
1) Allowed number of short circuits: <1000; time between short circuits: >1s


Similar Part No. - SKW25N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW25N120 INFINEON-SKW25N120 Datasheet
329Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKW25N120 INFINEON-SKW25N120_08 Datasheet
329Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
More results

Similar Description - SKW25N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com