Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP80N06S-08 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPP80N06S-08
Description  SIPMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP80N06S-08 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPP80N06S-08 Datasheet HTML 1Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 2Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 3Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 4Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 5Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 6Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 7Page - Infineon Technologies AG SPP80N06S-08 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPB80N06S-08
SPI80N06S-08, SPP80N06S-08
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
3660
-
pF
Output capacitance
C oss
-
1075
-
Reverse transfer capacitance
Crss
-
540
-
Turn-on delay time
t d(on)
-22
-
ns
Rise time
t r
-53
-
Turn-off delay time
t d(off)
-54
-
Fall time
t f
-32
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-19
-
nC
Gate to drain charge
Q gd
-62
-
Gate charge total
Q g
-
125
187
Gate plateau voltage
V plateau
-
5.4
-
V
Reverse Diode
2)
Diode continous forward current
I S
-
-
80
A
Diode pulse current
I S,pulse
-
-
320
Diode forward voltage
V SD
V GS=0 V, I F=80 A,
T j=25 °C
-
0.9
1.3
V
Reverse recovery time
t rr
V R=27.5 V, I F=I S,
di F/dt =100 A/µs
-
105
ns
Reverse recovery charge
Q rr
-30
-
nC
Values
V GS=0 V, V DS=25 V,
f =1 MHz
VDD=30 V, ID=80 A,
VGS=10 V, RG=2.4
V DD=44 V, I D=80 A,
V GS=0 to 10 V
1) Current is limited by bondwire; with an R
thJC=0.5 K/W the chip is able to carry 132A at 25°C. For detailed
information see Application Note APPS071E at www.infineon.com/optimos
2) Defined by design not subjected to production test.
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
T C=25 °C
Rev. 1.0
page 3
2004-11-30


Similar Part No. - SPP80N06S-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
209Kb / 8P
   SIPMOS Power-Transistor
Rev. 1.0 2005-06-28
logo
VBsemi Electronics Co.,...
SPP80N06S-08 VBSEMI-SPP80N06S-08 Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SPP80N06S-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com