Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4274
Description  Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4274 Datasheet HTML 1Page - Infineon Technologies AG TLE4274 Datasheet HTML 2Page - Infineon Technologies AG TLE4274 Datasheet HTML 3Page - Infineon Technologies AG TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLE 4274 / 3.3V;2.5V
Data Sheet
5
Rev. 2.1, 2004-01-01
Table 4
Characteristics
V
I = 6 V; -40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
Output voltage
V33-Version
V
Q
3.17
3.3
3.44
V
5 mA <
I
Q < 400 mA
4.7 V <
V
I < 28 V
Output voltage
V33-Version
V
Q
3.17
3.3
3.44
V
5 mA <
I
Q < 200 mA
4.7 V <
V
I < 40 V
Output voltage
V25-Version
V
Q
2.4
2.5
2.6
V
5 mA <
I
Q < 400 mA
4.7 V <
V
I < 28 V
Output voltage
V25-Version
V
Q
2.4
2.5
2.6
V
5 mA <
I
Q < 200 mA
4.7 V <
V
I < 40 V
Output current
limitation
1)
I
Q
400
600
mA
Current consumption;
I
q = II - IQ
I
q
100
220
µA
I
Q = 1 mA
Current consumption;
I
q = II - IQ
I
q
–8
15
mA
I
Q = 250 mA
Current consumption;
I
q = II - IQ
I
q
2030mA
I
Q = 400 mA
Drop voltage
1)
V33-Version
V
dr
–0.7
1.2
V
I
Q = 300 mA
V
dr = VI - VQ
Drop voltage
1)
V25-Version
V
dr
–1.0
2.0
V
I
Q = 300 mA
V
dr = VI - VQ
Load regulation
V
Q
4070mV
I
Q = 5 mA to 300 mA;
V
I = 6 V
Line regulation
V
Q
1025mV
V
l = 12 V to 32 V
I
Q = 5 mA
Power supply ripple
rejection
PSRR
–60
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature output
voltage drift
d
V
Q/dT
–0.5
mV/K
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 6 V.


Similar Part No. - TLE4274

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274 SIEMENS-TLE4274 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
225Kb / 13P
   Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
TLE4274 INFINEON-TLE4274 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results

Similar Description - TLE4274

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com