Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE4278G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4278G
Description  5-V Low Drop Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4278G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4278G Datasheet HTML 1Page - Infineon Technologies AG TLE4278G Datasheet HTML 2Page - Infineon Technologies AG TLE4278G Datasheet HTML 3Page - Infineon Technologies AG TLE4278G Datasheet HTML 4Page - Infineon Technologies AG TLE4278G Datasheet HTML 5Page - Infineon Technologies AG TLE4278G Datasheet HTML 6Page - Infineon Technologies AG TLE4278G Datasheet HTML 7Page - Infineon Technologies AG TLE4278G Datasheet HTML 8Page - Infineon Technologies AG TLE4278G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet
2
Rev. 1.3, 2005-04-29
TLE 4278 G
to LOW. Programming of the max. repetition time can be done easily by an external reset
delay capacitor. To prevent a reset in case of missing pulses, the watchdog output WO
is separate from the reset output RO for the TLE 4278. The watchdog output can be
used as an interrupt signal for the microcontroller. In any case it is possible to connect
pin WO and pin RO externally.
When the controller is set to sleep mode or low power mode its current consumption
drops and no watchdog pulses are created. In order to avoid unnecessary wake-up
signals due to missing pulses at pin WI the watchdog feature can be disabled as a
function of the load current. The switch off threshold is set by an external resistor to pin
WADJ. The watchdog function can also be used as a timer, which periodically wakes up
the controller. Therefore the pin WADJ has to be connected to the output Q.
The power on reset feature is necessary for a defined start of the microprocessor when
switching on the application. The reset signal at pin RO goes high after a certain delay
timed
t
rd when the output voltage of the regulator has surpassed the reset threshold. The
delay time is set by the external delay capacitor. An under voltage reset circuit
supervises the output voltage. In case
V
Q falls below the reset threshold the reset output
is set to LOW after a short reset reaction time
t
rr. The reset LOW signal is generated
down to an output voltage
V
Q of 1 V. In addition the reset switching threshold can be
adjusted by an external voltage divider. This feature is useful with microprocessors
which guarantee a safe operation down to voltages below the internally set reset
threshold of 4.65 V typical.


Similar Part No. - TLE4278G

ManufacturerPart #DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
TLE4278G SIEMENS-TLE4278G Datasheet
88Kb / 18P
   5-V Low-Drop Fixed Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
More results

Similar Description - TLE4278G

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
Siemens Semiconductor Group
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
Infineon Technologies AG
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
Infineon Technologies AG
Infineon Technologies A...
TLE4271 INFINEON-TLE4271 Datasheet
178Kb / 23P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
Siemens Semiconductor Group
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com