Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67007-A9668 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # Q67007-A9668
Description  Dual Low Drop Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67007-A9668 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button Q67007-A9668 Datasheet HTML 7Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 8Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 9Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 10Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 11Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 12Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 13Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 14Page - Infineon Technologies AG Q67007-A9668 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLE 4473 GV53
TLE 4473 GV52
Data Sheet
11
Rev. 1.0, 2004-07-14
Reset Output RO2
Reset switching
threshold
V
RT2
4.5
4.65
4.8
V
Reset output current I
RO2
1.4
mA
Collector current of RO1,
power good, reset still
delayed.
V
Q2=5V, VD2=0V,VRO2=0.3V
Reset output low
voltage
V
RO2L
0.15
0.3
V
V
Q2
≥ 1 V, V
D2=0V,
I
RO2= 0.5mA
Reset high voltage
V
RO2H
4.5
V
R
RO2,ext=4.7kΩ
REGULATOR 1:
Output Q1
Output voltage
V
Q12
3.20
3.3
3.40
V
TLE 4473 GV53
1mA <
I
Q1<300 mA;
4.5 V <
V
I <28 V
Output voltage
V
Q12
2.52
2.60
2.68
V
TLE 4473 GV52
1mA <
I
Q1<300 mA;
4.5 V <
V
I <28 V
Output current
limitation
I
Q1
350
500
600
mA
V
Q1 =3.0 V
(TLE 4473 GV53);
V
Q1 =2.3 V
(TLE 4473 GV52)
Load regulation
V
Q1,Lo
–5
50
mV
5 mA <
I
Q1 < 300 mA;
Line regulation
V
Q1,Li
–5
20
mV
I
Q1 = 5 mA;
6V < V
I<28 V
Power-Supply-
Ripple-Rejection
PSRR
–65
dB
f
r =100 Hz;
V
r = 1V
pp
Electrical Characteristics (cont’d)
V
I1 =13.5 V; VINH1 =VINH2= 5V; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - Q67007-A9668

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67007-A9648 INFINEON-Q67007-A9648 Datasheet
421Kb / 58P
   Multi-Voltage Processor Power Supply
Rev. 1.32 2004-10-15
Q67007-A9689 INFINEON-Q67007-A9689 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
Q67007-A9690 INFINEON-Q67007-A9690 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
More results

Similar Description - Q67007-A9668

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com