Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67007-A9683 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q67007-A9683
Description  Dual Low Drop Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67007-A9683 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q67007-A9683 Datasheet HTML 1Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 2Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 3Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 4Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 5Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 6Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 7Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 8Page - Infineon Technologies AG Q67007-A9683 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLE 4473 GV53
TLE 4473 GV52
Data Sheet
5
Rev. 1.0, 2004-07-14
Figure 3
Pin Configuration TLE 4473 GV53, TLE 4473 GV52 (top view)
Table 1
Pin Definitions and Functions (TLE 4473 GV53, TLE 4473 GV52)
Pin No.
Symbol Function
1WI
Watchdog input; input for watchdog pulses, positive edge
triggered
2RO2
Reset output for Q2; open collector output
3RO1
Reset and watchdog output for Q1; open collector output
4Q2
Output voltage 2 (5 V); block to GND with a capacitor
C
Q2 ≥ 22 µF,
ESR < 5
Ω at 10 kHz or C
Q2 ≥ 10 µF, ESR < 4 Ω at 10 kHz
5Q1
Output voltage 1 (3.3 V/2.6 V); block to GND with a capacitor
C
Q1 ≥ 10 µF, ESR < 5 Ω at 10 kHz
6N.C.
Not connected; connect to GND
7I
Input voltage; block to GND directly at the IC with a ceramic
capacitor.
8INH1
Inhibit input 1; low level at INH2 and INH1 disables Q2 and Q1
9INH2
Inhibit input 2; low level disables Q2
10
D2
Reset Delay 2; connect a capacitor to set reset delay for Q2
11
D1
Reset Delay 1; connect a capacitor to GND to set reset delay and
watchdog timing for Q1
12
GND
Ground
Heatsink
N. C.
Not connected; connect to GND
Pin 6 and heat slug should be connected to GND
P-DSO-12-6
AEP03318_4473gv53.VSD
1
WI
2
RO2
3
RO1
12
11
10
D1
D2
4
Q2
5
Q1
6
N.C.
9
8
7
INH2
INH1
I
GND


Similar Part No. - Q67007-A9683

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67007-A9689 INFINEON-Q67007-A9689 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
More results

Similar Description - Q67007-A9683

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com