Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6282G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6282G
Description  Dual Half Bridge Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6282G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6282G Datasheet HTML 3Page - Infineon Technologies AG TLE6282G Datasheet HTML 4Page - Infineon Technologies AG TLE6282G Datasheet HTML 5Page - Infineon Technologies AG TLE6282G Datasheet HTML 6Page - Infineon Technologies AG TLE6282G Datasheet HTML 7Page - Infineon Technologies AG TLE6282G Datasheet HTML 8Page - Infineon Technologies AG TLE6282G Datasheet HTML 9Page - Infineon Technologies AG TLE6282G Datasheet HTML 10Page - Infineon Technologies AG TLE6282G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet TLE6282G
7
Rev 2.2 2006-03-07
Test Circuit and Timing Diagram
Diagnosis and Protection Functions
Short circuit protection filter time
tSCP(off)
6
9
12
µs
Short circuit criteria (VDS of Mosfets)
For Low Sides
For High Sides
VDS(SCP)
0.5
0.45
0.75
0.75
1.0
1.05
V
Disable input level
VDIS
3.3
3.7
4.0
V
Disable input hysteresis
∆VDIS
180
mV
Deactivation level for dead time and shoot
through protection
VDIS
0.6
0.85
1.1
V
Deactivation input hysteresis
∆VDIS
170
mV
Error level @ 1.6mA IERR
VERR
--
--
1.0
V
Under voltage lock out for highside output – boot-
strap voltage
VBHx(uvlo)
3.7
4.6
V
Under voltage lock out for lowside output –
supply voltage
VVs(uvlo)
4.8
5.9
V
Test Conditions :
Junction temperature Tj = -40 … 150
oC
Supply voltage range Vs = 7.5 … 60V
PWM frequency fPWM = 20 kHz
GHx
GLx
SHx
x2
V
GHX_C
R
load = 1 Ohm
C
load = 10 nF
I
HX
R
load = 1 Ohm
C
load = 10 nF
V
GLX_C
I
LX
t
t
t
IHx
+
ILx
50%
20%
80%
20%
80%
t
P(IHN)
t
P(ILN)
t
P(ILF)
t
P(IHF)
t
rise
t
rise
t
fall
t
fall
10%
90%
90%
10%
GHX_C
V
GLX_C
V


Similar Part No. - TLE6282G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
260Kb / 16P
   Dual Half Bridge Driver IC Compatible to very low ohmic normal
Rev 2.4 2008-03-18
TLE6282G INFINEON-TLE6282G Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE6282G INFINEON-TLE6282G_08 Datasheet
260Kb / 16P
   Dual Half Bridge Driver IC Compatible to very low ohmic normal
Rev 2.4 2008-03-18
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
More results

Similar Description - TLE6282G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
   Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com