Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7270 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7270
Description  5-V Low Drop Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7270 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7270 Datasheet HTML 6Page - Infineon Technologies AG TLE7270 Datasheet HTML 7Page - Infineon Technologies AG TLE7270 Datasheet HTML 8Page - Infineon Technologies AG TLE7270 Datasheet HTML 9Page - Infineon Technologies AG TLE7270 Datasheet HTML 10Page - Infineon Technologies AG TLE7270 Datasheet HTML 11Page - Infineon Technologies AG TLE7270 Datasheet HTML 12Page - Infineon Technologies AG TLE7270 Datasheet HTML 13Page - Infineon Technologies AG TLE7270 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
A
8˚ max.
B
A
0.25 M
0.1
Typical
9.8 ±0.15
±0.2
10
8.5 1)
0...0.15
5x0.8 ±0.1
±0.1
1.27
4.4
B
0.5 ±0.1
0.05
1)
0.1
All metal surfaces tin plated, except area of cut.
2.4
4x1.7
GPT09113
TLE 7270
Data Sheet
11
Rev. 1.03, 2004-10-14
Figure 5
P-TO263-5-1 (Plastic Transistor Single Outline)
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm


Similar Part No. - TLE7270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7270-2D INFINEON-TLE7270-2D Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7270-2E INFINEON-TLE7270-2E Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7270-2G INFINEON-TLE7270-2G Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
More results

Similar Description - TLE7270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com