Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7469 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7469
Description  Dual Low Drop Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7469 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7469 Datasheet HTML 1Page - Infineon Technologies AG TLE7469 Datasheet HTML 2Page - Infineon Technologies AG TLE7469 Datasheet HTML 3Page - Infineon Technologies AG TLE7469 Datasheet HTML 4Page - Infineon Technologies AG TLE7469 Datasheet HTML 5Page - Infineon Technologies AG TLE7469 Datasheet HTML 6Page - Infineon Technologies AG TLE7469 Datasheet HTML 7Page - Infineon Technologies AG TLE7469 Datasheet HTML 8Page - Infineon Technologies AG TLE7469 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Type
Ordering Code
Package
TLE 7469 GV52
Q67007-A9689
P-DSO-12-4
TLE 7469 GV53
Q67007-A9690
P-DSO-12-4
Dual Low Drop Voltage Regulator
TLE 7469
P-DSO-12-4, -5
Final Data Sheet
1
Rev. 1.3, 2004-10-28
Features
Dual output
5 V (
±2%), 320mA and 2.6 V1) (±4%), 300mA or
5 V (
±2%), 320mA and 3.3 V (±3%), 300mA
Ultra low quiescent current consumption < 55
µA
Inhibit function
Very low dropout voltage
Reset with power-on delay
Early Warning comparator
Window watchdog
Power sequencing for dual voltage
µC
Output protected against short circuit
Wide operation range: up to 45 V
Wide temperature range: -40
°C to 150 °C
Overtemperature protection
Overload protection
Functional Description
The TLE 7469 is a monolithic integrated voltage regulator with two voltage outputs
specially designed to supply microcontrollers with dual supply voltage: 2.6 V
1) or 3.3 V
core and 5 V I/O voltage like the Infineon XC164 and XC161.
1) 2.5 V nominal specification range of most
µCs is compatible with the 2.6 V output voltage range of the
TLE 7469.


Similar Part No. - TLE7469

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469 INFINEON-TLE7469 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
TLE7469GV52 INFINEON-TLE7469GV52 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
TLE7469GV53 INFINEON-TLE7469GV53 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
TLE7469 INFINEON-TLE7469_08 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
More results

Similar Description - TLE7469

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com