Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67006-A9732 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67006-A9732
Description  5-V Low Drop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67006-A9732 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67006-A9732 Datasheet HTML 1Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 2Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 3Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 4Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 5Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 6Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 7Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 8Page - Infineon Technologies AG Q67006-A9732 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input I
Voltage
V
I
-0.3
45
V
Current
I
I
-1
mA
Inhibit INH
Voltage
V
INH
-0.3
45
V
Observe current
limit
I
INH
1) External resistor required to keep current below absolute maximum rating when voltages
≥ 5.5 V are applied.
,max
1)
Current
I
INH
-1
1
mA
Output Q
Voltage
V
Q
-0.3
5.5
V
Voltage
V
Q
-0.3
6.2
V
t < 10 s
2) Exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability.
2)
Current
I
Q
-1
mA
Temperature
Junction temperature
T
j
-40
150
°C
Storage temperature
T
stg
-50
150
°C
Data Sheet
4
Rev. 1.0, 2005-02-05
TLE 7276
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
5.5
42
V
Junction temperature
T
j
-40
150
°C


Similar Part No. - Q67006-A9732

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67006-A9731 INFINEON-Q67006-A9731 Datasheet
396Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-09
Q67006-A9734 INFINEON-Q67006-A9734 Datasheet
511Kb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0a, 2005-02-08
Q67006-A9735 INFINEON-Q67006-A9735 Datasheet
511Kb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0a, 2005-02-08
More results

Similar Description - Q67006-A9732

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com