Electronic Components Datasheet Search |
|
TLE4418G Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
TLE4418G Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 10 page TLE 4418 G Target Data Sheet Rev. 0.1 6 2001-12-10 Electrical Characteristics V CC=5.0V; VDD=12.0V; 0 °C< Tj <125 °C; unless otherwise specified; all voltages with respect to ground; positive current defined flowing into pin Parameter Symbol Limit Values Unit Test Condition min. typ. max. Output Q2 Output voltage V Q2 2.55 2.60 2.65 V 1mA £I Q2£1.2 A; 4.75V £V CC£5.25V Output voltage V Q2 2.20 2.65 V V DD=0V, IQ2=500 mA Output current limit I Q2max 1.5 –– AV Q2=2.4V Line Regulation DV Q2,Li –– 5mV 4.75V £V CC£5.25V; 10.8V £V DD£13.2V Load Regulation DV Q2,Lo –– 10 mV 10mA £I Q2£1.5A Drop Voltage V DRQ2 –– 1.7 V I Q2=1.2A 1) Output Q3 Output voltage V Q3 3.20 3.30 3.40 V 1mA £I Q3£1.2 A; 4.75V £V CC£5.25V Output voltage V Q3 2.90 3.40 V V DD=0V, IQ3=500 mA Output current limit I Q3max 1.5 –– AV Q3=3.1V Line Regulation DV Q3,Li –– 7mV 4.75V £V CC£5.25V; 10.8V £V DD£13.2V Load Regulation DV Q3,Lo –– 15 mV 10mA £I Q3£0.7A Drop Voltage V DRQ3 –– 1.5 V I Q3=1.2 A 1) Output Q8 Output voltage V Q8 7.76 8.00 8.24 V 1 mA £I Q8£200 mA; 10.8 V £V DD£13.2 V Output current limit I Q8max 250 –– mA V Q8=7.66 V Line Regulation DV Q8,Li –– 16 mV 4.75V £V CC£5.25V; 10.8V £V DD£13.2V Load Regulation DV Q8,Lo –– 32 mV 10 mA £I Q8£200 mA Drop Voltage V DRQ8 –– 2.2 V I Q8=200 mA 1) |
Similar Part No. - TLE4418G |
|
Similar Description - TLE4418G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |