Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC866L-4FR Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # XC866L-4FR
Description  8-Bit Single-Chip Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC866L-4FR Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button XC866L-4FR Datasheet HTML 61Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 62Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 63Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 64Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 65Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 66Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 67Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 68Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
XC866
Functional Description
Data Sheet
61
V1.0, 2006-02
3.11
Universal Asynchronous Receiver/Transmitter
The Universal Asynchronous Receiver/Transmitter (UART) provides a full-duplex
asynchronous receiver/transmitter, i.e., it can transmit and receive simultaneously. It is
also receive-buffered, i.e., it can commence reception of a second byte before a
previously received byte has been read from the receive register. However, if the first
byte still has not been read by the time reception of the second byte is complete, one of
the bytes will be lost.
Features:
• Full-duplex asynchronous modes
– 8-bit or 9-bit data frames, LSB first
– fixed or variable baud rate
• Receive buffered
• Multiprocessor communication
• Interrupt generation on the completion of a data transmission or reception
The UART can operate in four asynchronous modes as shown in Table 22. Data is
transmitted on TXD and received on RXD.
There are several ways to generate the baud rate clock for the serial port, depending on
the mode in which it is operating. In mode 0, the baud rate for the transfer is fixed at
fPCLK/2. In mode 2, the baud rate is generated internally based on the UART input clock
and can be configured to either fPCLK/32 or fPCLK/64. The variable baud rate is set by
either the underflow rate on the dedicated baud-rate generator, or by the overflow rate
on Timer 1.
Table 22
UART Modes
Operating Mode
Baud Rate
Mode 0: 8-bit shift register
fPCLK/2
Mode 1: 8-bit shift UART
Variable
Mode 2: 9-bit shift UART
fPCLK/32 or fPCLK/64
Mode 3: 9-bit shift UART
Variable


Similar Part No. - XC866L-4FR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866L-4FR INFINEON-XC866L-4FR Datasheet
5Mb / 396P
   8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
More results

Similar Description - XC866L-4FR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com