Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC866L-4FR Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XC866L-4FR
Description  8-Bit Single-Chip Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC866L-4FR Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XC866L-4FR Datasheet HTML 68Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 69Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 70Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 71Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 72Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 73Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 74Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 75Page - Infineon Technologies AG XC866L-4FR Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
XC866
Functional Description
Data Sheet
68
V1.0, 2006-02
3.14
High-Speed Synchronous Serial Interface
The High-Speed Synchronous Serial Interface (SSC) supports full-duplex and
half-duplex synchronous communication. The serial clock signal can be generated by
the SSC internally (master mode), using its own 16-bit baud-rate generator, or can be
received from an external master (slave mode). Data width, shift direction, clock polarity
and phase are programmable. This allows communication with SPI-compatible devices
or devices using other synchronous serial interfaces.
Features:
• Master and slave mode operation
– Full-duplex or half-duplex operation
• Transmit and receive buffered
• Flexible data format
– Programmable number of data bits: 2 to 8 bits
– Programmable shift direction: LSB or MSB shift first
– Programmable clock polarity: idle low or high state for the shift clock
– Programmable clock/data phase: data shift with leading or trailing edge of the shift
clock
• Variable baud rate
• Compatible with Serial Peripheral Interface (SPI)
• Interrupt generation
– On a transmitter empty condition
– On a receiver full condition
– On an error condition (receive, phase, baud rate, transmit error)


Similar Part No. - XC866L-4FR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866L-4FR INFINEON-XC866L-4FR Datasheet
5Mb / 396P
   8-Bit Single Chip Microcontroller
V 0.2, Jan 2005
More results

Similar Description - XC866L-4FR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com