Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAK-XC888CM-8FFA Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAK-XC888CM-8FFA
Description  8-Bit Single-Chip Microcontroller
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC888CM-8FFA Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAK-XC888CM-8FFA Datasheet HTML 1Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 2Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 3Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 4Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 5Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 6Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 7Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 8Page - Infineon Technologies AG SAK-XC888CM-8FFA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 119 page
background image
Data Sheet
1
V0.1, 2006-02
Prelimary
XC886/888
8-Bit Single-Chip Microcontroller
1
Summary of Features
• High-performance XC800 Core
– compatible with standard 8051 processor
– two clocks per machine cycle architecture (for memory access without wait state)
– two data pointers
• On-chip memory
– 12 Kbytes of Boot ROM
– 256 bytes of RAM
– 1.5 Kbytes of XRAM
– 24/32 Kbytes of Flash; or
24/32 Kbytes of ROM, with additional 4 Kbytes of Flash
(includes memory protection strategy)
• I/O port supply at 3.3 V or 5.0 V and core logic supply at 2.5 V (generated by
embedded voltage regulator)
(more features on next page)
Figure 1
XC886/888 Functional Units
Port 0
Port 1
Port 2
Port 3
XC800 Core
UART
ADC
10-bit
8-channel
Boot ROM
12K x 8
XRAM
1.5K x 8
RAM
256 x 8
On-Chip Debug Support
Timer 0
16-bit
Timer 1
16-bit
Timer 2
16-bit
UART1
SSC
Flash or ROM1)
24K/32K x 8
Capture/Compare Unit
16-bit
Compare Unit
16-bit
8-bit Digital I/O
8-bit Digital I/O
8-bit Digital I/O
8-bit Digital/
Analog Input
1) All ROM devices come with an additional 4K x 8 Flash
Port 4
Port 5
MDU
CORDIC
MultiCAN
Timer 21
16-bit
Watchdog
Timer
8-bit Digital I/O
8-bit Digital I/O
.


Similar Part No. - SAK-XC888CM-8FFA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC888-6FFA3V3 INFINEON-SAK-XC888-6FFA3V3 Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAK-XC888-6FFA5V INFINEON-SAK-XC888-6FFA5V Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAK-XC888-8FFA3V3 INFINEON-SAK-XC888-8FFA3V3 Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAK-XC888-8FFA5V INFINEON-SAK-XC888-8FFA5V Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
More results

Similar Description - SAK-XC888CM-8FFA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com