Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16244DGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AVC16244DGG
Description  16-bit buffer/line driver; 3-state 3.6 V tolerant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16244DGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC16244DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 9Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 10Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 11Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 12Page - NXP Semiconductors 74AVC16244DGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Nov 15
9
Philips Semiconductors
Product specification
16-bit buffer/line driver; 3-state
(3.6 V tolerant)
74AVC16244
handbook, full pagewidth
MNA478
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.7 The 3-state output enable and disable times.
VCC
VM
VX
VY
VI
≤2.3 to 2.7 V
0.5VCC
VOL + 0.15 V VOH − 0.15 V VCC
3.0 to 3.6 V
0.5VCC
VOL + 0.3 V
VOH − 0.3 V
VCC
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
open
GND
2
× VCC
VCC
VI
VO
MNA505
D.U.T.
CL
RT
Rload
Rload
PULSE
GENERATOR
S1
Fig.8 Test circuitry for switching times.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
2xVCC
tPHZ/tPZH
GND
VCC
VI
Rload
<2.3 V
VCC
1000
2.3 to 2.7 V VCC
500
3.0 to 3.6 V VCC
500
Definitions for test circuit:
CL = load capacitance including jig and probe capacitance
(See Chapter “AC characteristics”);
RT = termination resistance should be equal to the output
impedance Zo of the pulse generator.


Similar Part No. - 74AVC16244DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16244DGG NEXPERIA-74AVC16244DGG Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
Texas Instruments
74AVC16244DGGRE4 TI-74AVC16244DGGRE4 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AVC16244DGGRE4 TI1-74AVC16244DGGRE4 Datasheet
829Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AVC16244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244 Datasheet
80Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com