Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AD11 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3S-AD11
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD11 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3S-AD11 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 9Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 10Page - Omron Electronics LLC E3S-AD11 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
E3S-A
E3S-A
Operating Range (Typical)
E3S-ADu1
s OPERATING RANGE
Parallel Operating Range (Typical)
E3S-ATu1
E3S-ADu2
Distance X (m)
24
6
8
Y
50
40
30
20
10
0
10
20
30
40
50
X
10
8
6
4
2
0
2
4
6
8
10
X
Y
Distance
X (cm)
10
20
4
3
2
1
0
1
2
3
4
20
40
60
80
Distance
X (cm)
Y
X
s OPERATING RANGE (typical)
s SENSING DISTANCE VS.
OBJECT SIZE
E3S-ADs
s3, E3S-ADs
s8
E3S-ADs
s3, E3S-ADs
s8 (Left and Right)
60
40
20
0
-20
-40
-60
X
Y
0
20
40
60
80
100 120
140 160
Distance X (mm)
60
40
20
0
-20
-40
-60
Y
X
0
20
40
60
80
100 120
140 160
Distance X (mm)
0
5
10
15
20
25
30
35
Sensing object: white
OFF
ON
200
180
160
140
120
100
Area of object (cm)
s SENSING DISTANCE VS. OBJECT SIZE
s REFLECTOR PARALLEL
MOVEMENT
E3S-ADu1
E3S-ADu2
(Typical) E3S-ARu1
38
36
34
32
30
28
26
24
22
20
0
5x5 10x10
20x20
30x30
OFF
ON
Sensing object: white
20
10
00
90
80
70
60
0
5x5 10x10
20x20
30x30
Size of object (cm)
Size of object (cm)
OFF
Sensing object: white
ON
10
8
6
4
2
0
2
4
6
8
10
X
Y
0.5
1.0
1.5
2.0
2.5
Distance X (m)
E3S-ADs
s3, E3S-ADs
s8 (Up and Down)


Similar Part No. - E3S-AD11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD11 OMRON-E3S-AD11 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD11

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com