Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4985 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4985 Datasheet HTML 7Page - National Semiconductor (TI) LM4985 Datasheet HTML 8Page - National Semiconductor (TI) LM4985 Datasheet HTML 9Page - National Semiconductor (TI) LM4985 Datasheet HTML 10Page - National Semiconductor (TI) LM4985 Datasheet HTML 11Page - National Semiconductor (TI) LM4985 Datasheet HTML 12Page - National Semiconductor (TI) LM4985 Datasheet HTML 13Page - National Semiconductor (TI) LM4985 Datasheet HTML 14Page - National Semiconductor (TI) LM4985 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Frequency
V
DD = 2.5V, RL =16
P
OUT = 20mW, OCL
THD+N vs Frequency
V
DD = 3.6V, RL =16
P
OUT = 50mW, OCL
20169764
20169765
THD+N vs Frequency
V
DD = 5.0V, RL =16
P
OUT = 50mW, OCL
THD+N vs Frequency
V
DD = 2.5V, RL =32
P
OUT = 15mW, OCL
20169766
20169767
THD+N vs Frequency
V
DD = 3.6V, RL =32
P
OUT = 35mW, OCL
THD+N vs Frequency
V
DD = 5.0V, RL =32
P
OUT = 60mW, OCL
20169768
20169769
www.national.com
11


Similar Part No. - LM4985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4985 TI1-LM4985 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4985TMEVAL TI1-LM4985TMEVAL Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
More results

Similar Description - LM4985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
   Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com