Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1801EKA-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1801EKA-T
Description  Digital Camera Step-Up Slave DC-DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1801EKA-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1801EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX1801EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Digital Camera Step-Up Slave
DC-DC Controller
_______________________________________________________________________________________
5
0
20
60
40
80
100
0.4
0.6
0.5
0.7
0.8
0.9
1.0
1.1
1.2
MAXIMUM DUTY CYCLE vs. VDCON
VDCON (V)
fOSC = 500kHz
0
20
60
40
80
100
0
400
200
600
800
1000
DEFAULT MAXIMUM DUTY CYCLE
vs. FREQUENCY
FREQUENCY (kHz)
COSC = 470pF
0
2
6
4
8
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SLEEP-MODE CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
10
0.001
0
0.5
1.0
1.5
SHUTDOWN CURRENT
vs. REFERENCE VOLTAGE
0.01
0.1
1
REFERENCE VOLTAGE (V)
3.20
3.30
3.25
3.35
3.40
-40
0
-20
20
40
60
80
REFERENCE INPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
0
1
100
1000
10
10,000
FB TO COMP SMALL-SIGNAL OPEN-LOOP
FREQUENCY RESPONSE
FREQUENCY (kHz)
10
20
30
40
50
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1801EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX180-MAX181 MAXIM-MAX180-MAX181 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18000AWT+T AD-MAX18000AWT+T Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - MAX1801EKA-T

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com