Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AD32 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-AD32
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD32 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-AD32 Datasheet HTML 1Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD32 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Method of detection
Through-beam
Retroreflective
Diffuse reflective
Sensing distance
7 m (22.97 ft)
2 m (6.56 ft)
10 cm (3.94 in) 20 cm (7.87 in) 70 cm (2.3 ft)
Mounting
Output
Extra features
Connection
Part number
Horizontal NPN
None
Prewired
E3S-AT11
E3S-AR11
E3S-AD13
E3S-AD11
E3S-AD12
None
Connector
E3S-AT16
E3S-AR16
E3S-AD18
E3S-AD16
E3S-AD17
Timer,
Prewired
E3S-AT21
E3S-AR21
E3S-AD23*
E3S-AD21
E3S-AD22*
alarm and turbo
PNP
None
Prewired
E3S-AT31
E3S-AR31
E3S-AD33
E3S-AD31
E3S-AD32
None
Connector
E3S-AT36
E3S-AR36
E3S-AD38
E3S-AD36
E3S-AD37
Timer,
Prewired
E3S-AT41
E3S-AR41
E3S-AD43*
E3S-AD41
E3S-AD42*
alarm and turbo
Vertical
NPN
None
Prewired
E3S-AT61
E3S-AR61
E3S-AD63
E3S-AD61
E3S-AD62
None
Connector
E3S-AT66
E3S-AR66
E3S-AD68
E3S-AD66
E3S-AD67
Timer,
Prewired
E3S-AT71
E3S-AR71
E3S-AD73*
E3S-AD71
E3S-AD72*
alarm and turbo
PNP
None
Prewired
E3S-AT81
E3S-AR81
E3S-AD83
E3S-AD81
E3S-AD82
None
Connector
E3S-AT86
E3S-AR86
E3S-AD88
E3S-AD86
E3S-AD87
Timer,
Prewired
E3S-AT91
E3S-AR91
E3S-AD93*
E3S-AD91
E3S-AD92*
alarm and turbo
*10 and 70 cm diffuse versions do not have turbo function
Sensing
Supply voltage
Output
10 to 30 VDC
7 m
2 m
20 cm, 70 cm
100 mA
Wide Selection of High Performance Small DC
Sensors Offers Longer Sensing Distances
s Fast 0.5 msec response time for
high-speed sensing
s Extended sensing distances up to 7 meters
s Self-diagnostic functions available
s User-friendly features for easy installation
and use
s Meets: NEMA 4X, 6 and IP67
s Many mounting configurations available
s Choose prewired or connector-ready models
s E3S-AD Series includes 10 cm short range
diffuse version
General-Purpose Photoelectric Sensor
E3S-A
s SENSORS
Ordering Information
Through-beam sensors include both emitter and receiver. The polarized retroreflective sensors include E39-R1 reflector. All sensors
include mounting hardware. Optional mounting brackets are available as accessories.


Similar Part No. - E3S-AD32

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD32 OMRON-E3S-AD32 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD32

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com