Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AD41 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3S-AD41
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD41 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3S-AD41 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 9Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 10Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 11Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 12Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 13Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 14Page - Omron Electronics LLC E3S-AD41 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
E3S-A
E3S-A
11
s OPTIONAL CONNECTOR CORDSETS
Cordsets consist of a female connector and 3-conductor, 22 AWG, PVC jacketed cable rated for 300 V, 90
°C. The cable may be
extended to a maximum of 200 m (656 ft).
Silver-plated
copper contacts
14.67
(0.57)
34.92
(1.32)
Aluminum
coupling nut
Straight Connector Cordsets Y96E-43SDu
2 m (6.56 ft) length for Y96E-43SD2
5 m (16.40 ft) length for Y96E-43SD5
10 m (32.81 ft) length for Y96E-43SD10
Right Angle Connector Cordsets Y96E-43RDu
2 m (6.56 ft) length for Y96E-43RD2
5 m (16.40 ft) length for Y96E-43RD5
10 m (32.81 ft) length for Y96E-43RD10
Face View, Female Connector
90
°
45
°
2. Output*
White
3. 0 V
Black (Blue)
1. +V
Red
(Brown)
4. Output
White (Black)
14.67
(0.57)
Silver-plated
copper contacts
Aluminum
coupling nut
26.5
(1.04)
NOTES:
*Not used on 3-wire models.
IEC colors are shown in parentheses.
E39-R1 Reflector
(included with E3S-ARuu)
s CORNER CUBE REFLECTORS
7.5 (0.30)
2.7 (0.11)
7 (0.276)
1.6 (0.06)
34 (1.339)
52
(2.07)
52
(2.05)
59
(2.32)
Two M3
12
(0.47)
3.2 (0.13)
Nut (M5)
Spring washer (M5)
M5
E39-L7 Reflector Adapter
for E39-R1 Reflector
Two 3.5
(0.14)
dia.
8 (0.32)
59.9
(2.36)
39.3 (1.55)
34 (1.34)


Similar Part No. - E3S-AD41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD41 OMRON-E3S-AD41 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD41

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com