Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AD62 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-AD62
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD62 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-AD62 Datasheet HTML 1Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD62 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
E3S-A
E3S-A
Part number
E3S-ATuu
E3S-ARuu
E3S-ADu3,
E3S-ADu1,
E3S-ADu2,
E3S-ADu8
E3S-ADu6
E3S-ADu7
Method of detection
Through-beam
Polarized
Diffuse reflective
retroreflective
Supply voltage
10 to 30 VDC,
±10%
Current consumption
40 mA max.
30 mA max.
35 mA max.
30 mA max.
35 mA max.
(emitter and
45 mA with turbo
45 mA with turbo
receiver)
55 mA with turbo
Sensing
White
0 to 7 m
0.1 to 2 m with E39-R1
0 to 10 cm
0.1 to 20 cm
0 to 70 cm
distance
mat paper
(0 to 22.97 ft)
(0.33 to 6.56 ft)
(0 to 3.94 in)
(0.04 to 7.87 in)
(0 to 27.56 in)
Black
0.3 to 2.5 cm
0.5 to 2.3 cm
0.15 to 33 cm
mat paper
(0.12 to 0.98 in)
(0.20 to 0.91 in)
(0.06 to 12.99 in)
With
2.4 m (7.87 ft)
10 to 130 cm with E39-R3
accessories
with E39-E6
(3.94 to 51.18 in)
2.5 m (8.20 ft)
7 to 60 cm with E39-R4
with 2 mm slit
(2.76 to 23.62 in)
1.1 m (3.61 ft)
10 to 30 cm with E39-RSA
with 1 mm slit
(3.94 to 11.81 in)
0.5 m (1.64 ft)
10 to 60 cm with E39-RSB
with 0.5 mm slit
(3.94 to 23.62 in)
Light source
Pulse modulated red LED (700 nm)
Pulse modulated
Pulse modulated
Pulse modulated
infrared LED
red LED
infrared LED
(880 nm)
(700 nm)
(880 nm)
Standard
Type
Opaque materials
Opaque and transparent materials
object
Size
7 mm (0.28 in)
30 mm (1.18 in)
10 x 10 cm (3.94 x 3.94 in)
20 x 20 cm
minimum
minimum
white mat paper
(7.87 x 7.87 in)
white mat paper
Operation mode
Light-ON/Dark-ON operation, switch selectable
Variation in
+30% max., –0% max.
sensing distance
Hysteresis
10% max.
20% max.
Variation in optical axis
±2° max.
and mounting direction
s ACCESSORIES
Description
Part number
Mounting bracket for vertical sensors (2 required for through-beam type)
E39-L59
Slits for E3S-ATuu sensors (3 pairs: 2 mm, 1 mm and 0.5 mm wide, includes mounting hardware)
E39-S46
Mutual interference filters for E3S-ATuu sensors (2 pairs: horizontal and vertical, includes mounting hardware)
E39-E6
Optical alignment reflector for E3S-ATuu
E39-R5
2 m (6.56 ft) cable
Y96E-43SD2
5 m (16.40 ft) cable
Y96E-43SD5
10 m (32.81 ft) cable
Y96E-43SD10
2 m (6.56 ft) cable
Y96E-43RD2
5 m (16.40 ft) cable
Y96E-43RD5
10 m (32.81 ft) cable
Y96E-43RD10
Small corner cube reflector
10 to 130 cm (3.94 to 51.18 in)
E39-R3
7 to 60 cm (2.76 to 23.62 in)
E39-R4
Adhesive back reflector
10 to 30 cm (3.94 to 11.81 in)
E39-RSA
10 to 60 cm (3.94 to 23.62 in)
E39-RSB
Mounting bracket for E39-R1 reflector
E39-L7
Straight connector cordsets
(4-pole female connector)
Right-angle connector cordsets
(4-pole female connector)
s REPLACEMENT PARTS
Description
Part number
Knob for sensitivity adjuster
E39-G2
Mounting bracket spacer for connector versions
E39-L60
Corner cube reflector (supplied with E3S-ARuu )
E39-R1
Mounting bracket for horizontal sensors (supplied with each sensor)
E39-L69
Mounting bracket for vertical sensors (supplied with each sensor)
E39-L70
Specifications


Similar Part No. - E3S-AD62

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD62 OMRON-E3S-AD62 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD62

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com