Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH16244DGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AVCH16244DGG
Description  16-bit buffer/line driver; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16244DGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVCH16244DGG Datasheet HTML 5Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 6Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 7Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 8Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 9Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 10Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 11Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 12Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Mar 07
9
Philips Semiconductors
Product Specification
16-bit buffer/line driver; 3.6 V tolerant;
3-state
74AVCH16244
AC WAVEFORMS
handbook, halfpage
MNA504
nAn input
nYn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Fig.6 The input (nAn) to output (nYn) propagation delay.
VCC
VM
VI
≤2.3 to 2.7 V
0.5
× VCC
VCC
3.0 to 3.6 V
0.5
× VCC
VCC
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, full pagewidth
MNA478
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.7 The 3-state enable and disable times.
VCC
VM
VX
VY
VI
≤2.3 to 2.7 V 0.5 × VCC
VOL + 0.15 V
VOH − 0.15 V
VCC
3.0 to 3.6 V
0.5
× VCC
VOL + 0.3 V
VOH − 0.3 V
VCC
VOL and VOH are typical output voltage drop that occur with the output load.


Similar Part No. - 74AVCH16244DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH16244DGG NEXPERIA-74AVCH16244DGG Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
More results

Similar Description - 74AVCH16244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com