Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6223EC5-L Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6223EC5-L
Description  50mA and 150mA CMOS Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6223EC5-L Datasheet(HTML) 3 Page - Sipex Corporation

  SP6223EC5-L Datasheet HTML 1Page - Sipex Corporation SP6223EC5-L Datasheet HTML 2Page - Sipex Corporation SP6223EC5-L Datasheet HTML 3Page - Sipex Corporation SP6223EC5-L Datasheet HTML 4Page - Sipex Corporation SP6223EC5-L Datasheet HTML 5Page - Sipex Corporation SP6223EC5-L Datasheet HTML 6Page - Sipex Corporation SP6223EC5-L Datasheet HTML 7Page - Sipex Corporation SP6223EC5-L Datasheet HTML 8Page - Sipex Corporation SP6223EC5-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Date: 6/15/06 Rev AB
SP6222/6223 50/150mA CMOS Linear Regulators
© 2006 Sipex Corporation
ELECTRICAL CHARACTERISTICS
PIN DESCRIPTION
Unless otherwise specified: V
IN = VOUT + 0.3V to 4.5V, COUT = 1μF ceramic, CIN = 1μF ceramic, IOUT =100μA, TA = 25°C.
Bold values apply over the full operating temperature range (-40°C to 125°C).
Pin
Name
Pin Number
Description
5 pin
SC-70
5 pin
SOT23
VIN
11
Power supply input. Connect a 1uF decoupling capacitor next
to this pin.
GND
2
2
Ground Pin.
EN
3
3
Enable/Shutdown (Logic high = enable, logic low = shutdown)
BYP
4
(Fixed)
4
(Fixed)
Reference bypass input for ultra-quite operation. Connecting
10nF capacitor from this pin to ground reduces output noise
ADJ
4
(Adjustable)
4
(Adjustable)
Adjustable regulator feedback input. Connect to a resistive
voltage-divider network.
VOUT
55
Output voltage of the linear regulator. Connect a 1uF or larger
capacitor from this pin to ground.
PARAMETER
MIN
TYP
MAX
Units
CONDITIONS
Shutdown Supply Current @ 25ºC
0.150
1μA
V
EN
< 0.4V (shutdown),
V
SUPPLY
= 1.6V
Shutdown Supply Current @ 125ºC
5
μA
V
EN
< 0.4V (shutdown),
V
SUPPLY
= 1.6V
Thermal Shutdown Die Temperature
125
150
175
ºC
Regulator turns off
Thermal Shutdown Hysteresis
15
ºC
Regulator turns on again @ 150ºC
Power Supply Rejection Ratio
-55
dB
f ≤ 1kHz
Output Noise Voltage
800
μVRMS
IOUT = 0.1mA, C
BYP
= 0nF, VOUT =3.0V
550
IOUT = 50mA, C
BYP
= 0nF, VOUT =3.0V
150
IOUT = 0.1mA, C
BYP
= 10nF, VOUT=3.0V
100
IOUT = 50mA, C
BYP
= 10nF, VOUT =3.0V
Wake-up time (T
ON
) from Shutdown
90
200
μs
V
IN
≥ 1.6V, I OUT = 30mA
Turn-off time (T
OFF
) into Shutdown
90
140
μs
IOUT = 0.1mA, VIN ≥ 1.6V
Enable input logic low voltage
0.4
V
Regulator shutdown
Enable input logic high voltage
1.6
V
Regulator enabled


Similar Part No. - SP6223EC5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6200 EXAR-SP6200 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6223EC5-L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Microchip Technology
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com