Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05VY3H3Z Datasheet(PDF) 8 Page - Sharp Corporation

Part # PQ05VY3H3Z
Description  Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05VY3H3Z Datasheet(HTML) 8 Page - Sharp Corporation

  PQ05VY3H3Z Datasheet HTML 1Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 2Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 3Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 4Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 5Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 6Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 7Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 8Page - Sharp Corporation PQ05VY3H3Z Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PQ05VY3H3Z/PQ05VY053Z
s Output Voltage Fine Tuning
1. Connecting external resistors R1 and R2 to terminals
,
,
allows the output voltage to be fine tuned from 1.5V to 5V. Refer to
Fig.16 when connecting external resistors for fine tuning output voltage.
4
3
2
R2
R1
VO
Vref
+
VO=Vref×(1+R2/R1)
.=.1.24×(1+R
2/2 000)
[R1=2kΩ, Vref=1.24V]
2
3
4


Similar Part No. - PQ05VY3H3Z

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05VY3H3Z SHARP-PQ05VY3H3Z Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ05VY3H3ZP SHARP-PQ05VY3H3ZP Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ05VY3H3ZZ SHARP-PQ05VY3H3ZZ Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ05VY3H3Z

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
   Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KXX3M2ZP SHARP-PQ1KXX3M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com