Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05VY053ZP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ05VY053ZP
Description  Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05VY053ZP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ05VY053ZP Datasheet HTML 1Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 2Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 3Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 4Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 5Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 6Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 7Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 8Page - Sharp Corporation PQ05VY053ZP Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PQ05VY3H3Z/PQ05VY053Z
Parameter
Symbol
Conditions
VIN
VO
Vref
RegL
RegI
TCVref
RR
Unit
MAX.
TYP.
MIN.
2.35
1.2276
1.2524
0.5
1.5
60
IO
=5mA to 3.5A
IO
=5mA to 5A
VIN
=4 to 7V, IO=5mA
Tj
=0 to 125˚C, IO=5mA
Refer to Fig.2
1.24
0.1
0.05
±1
70
7
5
0.5
0.1
(Unless otherwise specified, condition shall be VIN
=5V, IO=1.75A(PQ05VY3H3Z), IO=2.5A(PQ05VY053Z), VO=3V(R1=2kΩ), Ta=25˚C)
V
V
V
%
%
%
dB
V
Input voltage
Output voltage
Reference voltage
Load regulation
PQ05VY3H3Z
PQ05VY053Z
Line regulation
Reference voltage fluctuation
Ripple Rejection
Dropout voltage
VI-O
IO
=3.5A
*5
*4
IO
=5A
*4
Output on control voltage
Output off control voltage
Output off control current
Quiescent current
Output on control current
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iq
*4 The values of input voltage when output voltage goes 0.95V
*5 In case of opening control terminal
, output voltage turns on
VC=2.7V
VC=0.4V
IO=0A
2
20
0.8
−0.4
5
V
mA
V
µA
mA
10
PQ05VY3H3Z
PQ05VY053Z
5
s Electrical Characteristics
RL
IC
VC
Iq
IO
VO
Vref
+
+
100
µF
(Electrolytic
capacitor)
100
µF
(Electrolytic
capacitor)
R1
R2
2k
VIN
A
A
A
2
4
3
5
1
V
V
VO=Vref×(1+R2/R1)
.=.1.24×(1+R
2/R1)
[R1.=
.2kΩ,Vref.=.1.24V]
Fig.1
Standard Test Circuit
IO
RL
VO
R2
VIN
Vref
VC
ei
eo
R1
2k
2.7V
+
+
f
=120Hz(sine wave)
ei(rms)
=0.5V
VO=3V (R1=2kΩ)
VIN=5V
IO=0.5A
RR
=20log (ei(rms)/eo(rms))
2
1
5
4
3
V
~
~
100
µF
(Electrolytic
capacitor)
100
µF
(Electrolytic
capacitor)
+
Fig.2
Test Circuit for Ripple Rejection


Similar Part No. - PQ05VY053ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05VY053ZP SHARP-PQ05VY053ZP Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ05VY053ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
   Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KXX3M2ZP SHARP-PQ1KXX3M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com