Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D476X0030C2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 135D476X0030C2
Description  Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D476X0030C2 Datasheet(HTML) 5 Page - Vishay Siliconix

  135D476X0030C2 Datasheet HTML 1Page - Vishay Siliconix 135D476X0030C2 Datasheet HTML 2Page - Vishay Siliconix 135D476X0030C2 Datasheet HTML 3Page - Vishay Siliconix 135D476X0030C2 Datasheet HTML 4Page - Vishay Siliconix 135D476X0030C2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 40024
Revision 15-Jan-01
www.vishay.com
92
Model 135D
Vishay Sprague
*Part Numbers listed are for units with
± 20% capacitance tolerance insulated capacitors. For ± 10% tolerance capacitors,
change the digit following the letter "X" from "0" to "9"; for
± 5%, change the digit following the letter "X" from "0" to "5". For
capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with
a high temperature insulating sleeve, change the last digit in the part number from "2" to "6".
25 WVDC @ + 85
°C . . . 15 WVDC @ + 125°C
56
68
180
270
470
560
680
30 WVDC @ + 85
°C . . . 20 WVDC @ + 125°C
890
850
1400
1400
1800
1750
2120
15
15
15
16
25
25
30
12
12
13
13
18
20
25
- 25
- 40
- 54
- 62
- 65
- 72
- 72
6
9
9
16
18
28
32
2
2
3
3
6
7
8
51
90
27
33
17
24
14
3.5
4.2
2.2
2.7
1.5
1.7
1.2
135D566X0025C2
135D686X0025C2
135D187X0025F2
135D277X0025F2
135D477X0025T2
135D567X0025T2
135D687X0025K2
C
C
F
F
T
T
K
47
56
150
220
390
470
560
C
C
F
F
T
T
K
830
800
1340
1200
1740
1500
2040
15
15
15
16
25
25
30
12
12
13
13
18
20
25
2
2
3
3
6
8
9
57
100
29
36
18
25
15
- 23
- 38
- 42
- 60
- 55
- 65
- 65
6
9
9
16
18
32
36
4.0
5.2
2.4
2.5
1.6
1.8
1.3
135D476X0030C2
135D566X0030C2
135D157X0030F2
135D227X0030F2
135D397X0030T2
135D477X0030T2
135D567X0030K2
PART NUMBER*
Max. CAPACITANCE
CHANGE (%) @
EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
Max. RIPPLE
40kHz
Irms
(mA)
+ 125
°C
+ 85
°C
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
Max. IMP.
@ - 55
°C
120 Hz
(Ohms)
Max. ESR
@ + 25
°C
120 Hz
(Ohms)
Max. DCL (
µA) @
35 WVDC @ + 85
°C . . . 22 WVDC @ + 125°C
39
120
330
370
50 WVDC @ + 85
°C . . . 30 WVDC @ + 125°C
33
100
120
270
330
60 WVDC @ + 85
°C . . . 40 WVDC @ + 125°C
27
82
100
220
270
75 WVDC @ + 85
°C . . . 50 WVDC @ + 125°C
22
68
82
180
220
100 WVDC @ + 85
°C . . . 65 WVDC @ + 125°C
10
39
68
120
125 WVDC @ + 85
°C . . . 85 WVDC @ + 125°C
6.8
27
47
82
700
1200
1500
1900
12
15
16
17
10
12
14
15
3
5
10
12
12
24
40
48
- 14
- 18
- 26
- 30
300
90
50
32
11.7
3.5
2.2
2.8
135D685X0125C2
135D276X0125F2
135D476X0125T2
135D826X0125K2
C
F
T
K
C
F
T
K
800
1300
1600
2000
12
15
16
17
10
12
14
15
- 17
- 20
- 30
- 35
12
24
40
48
3
5
10
12
200
80
40
30
5.9
3.5
2.2
2.7
135D106X0100C2
135D396X0100F2
135D686X0100T2
135D127X0100K2
C
F
F
T
K
135D226X0075C2
135D686X0075F2
135D826X0075F2
135D187X0075T2
135D227X0075K2
600
1200
1000
1300
1800
12
15
15
20
25
3
4
4
9
10
12
16
24
36
40
- 19
- 25
- 30
- 35
- 40
10
12
12
16
20
157
40
63
30
24
5.0
3.0
2.4
2.2
1.5
C
F
F
T
K
135D276X0060C2
135D826X0060F2
135D107X0060F2
135D227X0060T2
135D277X0060K2
5.0
2.9
2.5
1.4
1.4
144
37
54
29
23
3
4
4
8
9
12
16
20
32
36
700
1220
1100
1400
1850
12
15
15
20
25
- 24
- 30
- 36
- 40
- 45
10
15
12
16
20
C
F
F
T
K
135D336X0050C2
135D107X0050F2
135D127X0050F2
135D277X0050T2
135D337X0050K2
4.4
2.8
2.4
2.0
1.3
135
35
49
29
22
2
4
4
8
9
9
12
24
32
36
700
1240
1200
1450
1900
- 29
- 36
- 42
- 46
- 46
10
13
12
20
25
12
15
15
25
30
C
F
T
K
135D396X0035C2
135D127X0035F2
135D337X0035T2
135D477X0035K2
4.1
2.5
1.8
1.3
61
31
20
15
2
3
6
9
6
10
18
36
- 22
- 40
- 50
- 60
12
13
16
25
14
15
25
30
820
1315
1640
2040


Similar Part No. - 135D476X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D476X0030C2 VISHAY-135D476X0030C2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D476X0030C2 VISHAY-135D476X0030C2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
More results

Similar Description - 135D476X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com