Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D567X0030K2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 135D567X0030K2
Description  Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D567X0030K2 Datasheet(HTML) 1 Page - Vishay Siliconix

  135D567X0030K2 Datasheet HTML 1Page - Vishay Siliconix 135D567X0030K2 Datasheet HTML 2Page - Vishay Siliconix 135D567X0030K2 Datasheet HTML 3Page - Vishay Siliconix 135D567X0030K2 Datasheet HTML 4Page - Vishay Siliconix 135D567X0030K2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 40024
Revision 15-Jan-01
www.vishay.com
88
Model 135D
Vishay Sprague
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55
°C to + 200°C Operation
FEATURES
Standard and Extended Ratings.
Model 135D tantalum-case tantalum electrolytic capacitors
incorporate the advantages of all the varieties of
electrolytic capacitors and eliminate most of the
disadvantages. These units have a 3 volt reverse voltage
capability at + 85
°C and a higher ripple current capability
than any other electrolytic type
with similar combinations of capacitance and case size.
Designed for the aerospace applications, this capacitor
was developed under partial sponsorship of the Marshall
Space Flight Center, National Aeronautics and Space
Administration. The capacitors have a high resistance to
damage from shock and vibration. Extended range ratings
are available.
Model 135D capacitors are commercial equivalents of
Military Style CLR79 and CLR81, designed to meet the
performance requirements of Military Specification MIL-C-
39006/22/25. Capacitors to meet MIL-C-39006/22/25
should be ordered by part numbers shown in that
specification.
Life Test: Capacitors are capable of withstanding a 2000
hour life test at a temperature of + 85
°C or + 125°C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at + 85
°C rated voltage, shall not be in
excess of the original requirement..
2. The equivalent series resistance shall not exceed 150%
of the initial requirement.
3. Change in capacitance shall not exceed 10% from the
initial measurement.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 85°C. (To + 200°C
with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25
°C. ± 20%
standard.
± 10%, ± 5% available as special.
DC Leakage Current (DCL Max.):
At + 25
°C and above: Leakage current shall not exceed
the values listed in the Standard Ratings Tables.
*For insulated parts, add 0.007" [0.178] to the diameter. The insulation shall lapover the ends of the capacitor body.
DIMENSIONS in inches [millimeters]
D
0.0253
± 0.002 [0.64 ± 0.05] Dia.
(No. 22 AWG) Tinned Nickel Leads
Solderable and Weldable
E
E
L2
L1
Tantalum
Weld
WEIGHT
IN GRAMS
(Max.)
2.6
6.2
11.6
17.7
C
F
T
K
T1
T2
T3
T4
TYPE
135D
CLR 79/81
EQUIV.
D
0.188
± 0.016
[4.78
± 0.41]
0.281
± 0.016
[7.14
± 0.41]
0.375
± 0.016
[9.53
± 0.41]
0.375
± 0.016
[9.53
± 0.41]
L1
0.453 + 0.031 - 0.016
[11.51 + 0.79 - 0.41]
0.641 + 0.031 - 0.016
[16.28 + 0.79 - 0.41]
0.766 + 0.031 - 0.016
[19.46 + 0.79 - 0.41]
1.062 + 0.031 - 0.016
[26.97 + 0.79 - 0.41]
0.734
[18.64]
0.922
[23.42]
1.047
[26.59]
1.343
[34.11]
L2
(Max.)
1.500
± 0.250
[38.10
± 6.35]
2.250
± 0.250
[57.15
± 6.35]
2.250
± 0.250
[57.15
± 6.35]
2.250
± 0.250
[57.15
± 6.35]
E
CASE CODE


Similar Part No. - 135D567X0030K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D567X0030K2 VISHAY-135D567X0030K2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D567X0030K2 VISHAY-135D567X0030K2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
More results

Similar Description - 135D567X0030K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com