Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM422-PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LDM422-PT
Description  Fully Isolated Limited Distance Modem, RS-232/422 Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDM422-PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDM422-PT Datasheet HTML 1Page - List of Unclassifed Manufacturers LDM422-PT Datasheet HTML 2Page - List of Unclassifed Manufacturers LDM422-PT Datasheet HTML 3Page - List of Unclassifed Manufacturers LDM422-PT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
19
®
Figure 1. LDM422 Logic Diagram
TD
RD
RTS
Echo Sup.
Echo Sup.
DTR
DSR
RLSD
CTS
+ 12VDC
Gnd
Case
RLSD
RD
DCE
DTE
TD
RTS
DTR
Light = High = Space
+V
CTS
* Light = High = Asserted
+V
+V
Light = Low = TD/RTS Enabled
Light = Low = Asserted
Light = Low = Space
+
-
+
-
B’
A’
RD
12VAC
PWR RTN
A’
B’
CTS
Opto-Iso
Barrier
+V
+V
+V
-12VDC
B
B
A
A
TD
RTS
SIG RTN
SIG RTN
(Isolated RS-422 Ground)
* "Light"is presence of light
across Opto-Iso barrier.
2
8
4
9
7
3
12
11
10
1
2
5
6
3
4
16
17
20
6
8
5
9
7
1
10
RS-232
P1
RS-422
P2
TD, RD
RTS, CTS, DTR, RLSD
Mark =-V; Space = +V
Asserted = + V, Not Asserted = -V
Mark
Space
Asserted
Not Asserted
Aor A’
Low
High
High
Low
BorB’
High
Low
Low
High
NOTE: Open or Tri-State on RD inputs produces
same logic condition as ’MARK’ input. Open or
Tri-State on CTS inputs produces same logic
condition as ’Asserted’ input.
TD, RD
RTS, CTS
RS-232 P1 P
RS-232 P1 P
RS-232 P1 P
RS-232 P1 P
RS-232 P1 Pin Descriptions
in Descriptions
in Descriptions
in Descriptions
in Descriptions
RS-422 P2 P
RS-422 P2 P
RS-422 P2 P
RS-422 P2 P
RS-422 P2 Pin Descriptions
in Descriptions
in Descriptions
in Descriptions
in Descriptions
Pin 1
Case
Case Ground
Pin 1
12VAC
Pin 2
TD
Transmit Data
Pin 2
PWR RTN
Pin 3
RD
Receive Data
Pin 3
RTS A
Pin 4
RTS
Request To Send
Pin 4
RTS B
Pin 5
CTS
Clear To Send
Pin 5
CTS A'
Pin 6
DSR
Data Set Ready
Pin 6
CTS B'
(connected to Data
Pin 7
TD A
Terminal Ready)
Pin 8
TD B
Pin 7
GND
Pin 9
SIG RTN
Pin 8
RLSD
Receive Line Signal Detect Pin 10
RD A'
Pin 9
+12VDC
Positive DC Supply Input
Pin 11
RD B'
Pin 10
–12VDC
Negative DC Supply Input
Pin 12
SIG RTN
Pin 16
Echo Sup Echo Suppression
(tie to pin 17 to enable)
Pin 17
Echo Sup Echo Suppression
(tie to pin 16 to enable)
Pin 20
DTR
Data Terminal Ready
(connected to Data
Set Ready)
The LDM422 conforms to EIA RS-232 and RS-422 specifications.
Data Terminal Ready must be asserted by the host RS-232 port before
the LDM422 can transmit data. When Data Terminal Ready is not
asserted all outputs of the LDM422 are high impedance, allowing up
to 32 LDM422 units to be multidropped on a common
communications cable. See Figures 1 and 3 for details.
Request To Send and Clear To Send are carried through the RS-422
port as two separate wire pairs. These may be used for full duplex
flow control.
Cable Capacitance Effects On Distances
Specified distances in the specifications are for the wire sizes 18-
24AWG (0.82-0.20mm2) with a maximum capacitance of 25pF/ft
(82pF/m). For higher capacitance cables, decrease distance


Similar Part No. - LDM422-PT

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVSXT CARLOGAVAZZI-LDM40LSE0AVSXT Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVSXX CARLOGAVAZZI-LDM40LSE0AVSXX Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVXXT CARLOGAVAZZI-LDM40LSE0AVXXT Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVXXX CARLOGAVAZZI-LDM40LSE0AVXXX Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results

Similar Description - LDM422-PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDM485 ETC-LDM485 Datasheet
179Kb / 4P
   Fully Isolated Limited Distance Modem, RS-232/485 Converter
logo
Advantech Co., Ltd.
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
   USB to RS-232/422/485 Isolated Converter
1-Jul-2022
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
   Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-422LCOR ADVANTECH-BB-422LCOR Datasheet
346Kb / 1P
   RS-232 to RS-422 Converter
BB-422LCON ADVANTECH-BB-422LCON Datasheet
578Kb / 2P
   RS-232 to RS-422 Converter
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
   Isolated RS-232/422/ 485 Module
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
   OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
Advantech Co., Ltd.
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
   1-port Isolated USB to RS-232/422/485 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
   Port-powered RS-232 to RS-422 Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com