Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF100BA50 Datasheet(PDF) 7 Page - SanRex Corporation

Part # SF100BA50
Description  MOSFET MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SF100BA50 Datasheet(HTML) 7 Page - SanRex Corporation

Back Button SF100BA50 Datasheet HTML 3Page - SanRex Corporation SF100BA50 Datasheet HTML 4Page - SanRex Corporation SF100BA50 Datasheet HTML 5Page - SanRex Corporation SF100BA50 Datasheet HTML 6Page - SanRex Corporation SF100BA50 Datasheet HTML 7Page - SanRex Corporation SF100BA50 Datasheet HTML 8Page - SanRex Corporation SF100BA50 Datasheet HTML 9Page - SanRex Corporation SF100BA50 Datasheet HTML 10Page - SanRex Corporation SF100BA50 Datasheet HTML 11Page - SanRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FBA50CA45/50
MOSFET MODULE
UL;E76102
(M)
FBA50CA45/50 is a dual power MOSFET module designed for fast swiching
applications of high voltage and current.
(2 devices are serial connected.) The
mounting base of the module is electrically isolated from semiconductor elements for
simple heatsink construction.
ID
=50A, VDSS=500V
Suitable for high speed switching applications.
Low ON resistance.
Wide Safe Operating Areas.
(Applications)
UPS
(CVCF)
, Motor Control, Switching Power Supply, etc.
107.5
±0.6
19
14
3
2
19
19
NAME PLATE
2
-φ6.5
93
±0.3
4
-M5
TAB
=110(T0.5)
Unit
A
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Characteristics
(Tj=25℃ unless otherwise specified)
Symbol
Item
Conditions
Ratings
FBA50CA45 FBA50CA50
Unit
VDSS
Drain-Source Voltage
450
500
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain
Current
D.C.
Pulse
50
A
IDP
100
-ID
Source Current
50
A
PT
Total Power Dissipation
Tc
=25℃
320
W
Tj
Channel Temperature
150
Tstg
Storage Temperature
−40 to +125
VISO
Isolation Voltage
(R.M.S.)
A.C. 1minute
2500
V
Mounting
Torque
Mounting
(M6)
Terminal
(M5)
Recommended Value 2.5-3.9
(25-40)
4.7
(48)
N
・m
(kgf・B)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
Mass
Typical Value
220
g
Symbol
Item
Conditions
Ratings
Min.
Typ.
Max.
±1.0
Unit
IGSS
Gate Leakage Current
VGS
=±20V,VDS=0V
μA
1.0
IDSS
Zero Gate Voltage Drain Current
VGS
=0V,VDS=500V
mA
450
V
(BR)
DSS
Drain-Source
Breakdown Voltage
FBA50CA45
FBA50CA50
VGS
=0V,ID=1mA
V
500
1.0
5.0
VGS(th)
Gate-Source Threshold Voltage
VDS
=VGS,ID=10mA
V
120
RDS(on)
Drain-Source On-State Resistance
ID
=25A,VGS=15V
m
Ω
3.0
VDS(on)
Drain-Source On-State Voltage
ID
=25A,VGS=15V
V
30
gfs
Forward Transconductance
VDS
=10V,ID=25A
S
10000
Ciss
Input Capacitance
VGS
=0V,VDS=25V,f=1.0MHz
pF
1900
Coss
Output Capacitance
VGS
=0V,VDS=25V,f=1.0MHz
pF
750
Crss
Reverse Transfer Capacitance
VGS
=0V,VDS=25V,f=1.0MHz
pF
60
tr
Switching
Time
Rise Time
Turn-on Delay Time
Fall Time
Turn-off Delay Time
RL
=12Ω,RGS=50Ω,VGS=15V
ID
=25A,RG=5Ω
ns
60
td
(on)
650
tf
130
td
(off)
1.5
VSDS
Diode Forward Voltage
ーID=25A,VGS=0V
V
700
trr
Reverse Recovery Time
ーID=25A,VGS=0V,di/dt=100A/μs
ns
0.39
Rth
(j-c) Thermal Resistance
℃/W
q
D2 S1
D1
G2
S2
S1
G1
S2
S1
i
u
y
t
w er


Similar Part No. - SF100BA50

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SF100BA50 SANREX-SF100BA50 Datasheet
481Kb / 3P
   MOSFET MODULE
More results

Similar Description - SF100BA50

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com