Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T72M Datasheet(PDF) 3 Page - Tyco Electronics

Part # T72M
Description  PCB Relays / Single Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T72M Datasheet(HTML) 3 Page - Tyco Electronics

  T72M Datasheet HTML 1Page - Tyco Electronics T72M Datasheet HTML 2Page - Tyco Electronics T72M Datasheet HTML 3Page - Tyco Electronics T72M Datasheet HTML 4Page - Tyco Electronics T72M Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PCB Relays
Single Relays
T72M
Please observe the disclaimer.
97
Catalog 1308028
Revision 03-06
Revision 03-05
Contact data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current at 85 °C
Contact material
Max. switching voltage/power
Max. switching current1)
On2)
Off
Min. recommended load4)
Voltage drop at 10 A (initial)
Mechanical endurance (without load)
Electrical endurance
(example of resistive load)
Max. switching rate at nominal load
1)
The values apply to a resistive or inductive load with suitable spark suppression and at maximum 13.5 V for 12 V or 27 V for 24 V load voltages.
2)
For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3)
Corresponds to a peak inrush current on initial actuation (cold filament).
4)
See chapter Diagnostics in our Application Recommendations on page 18 of this catalog or consult the internet at http://relays.tycoelectronics.com/application.asp
Resistive / inductive loads
Indicator / lamp loads
Changeover contact/
Form C
12 V
NC/NO
10/20 A
AgNi0.15
AgSnO2
See load limit curve
NC/NO
NC/NO
12 A/60 A
15 A/80 A3)
20 A/20 A
20 A/20 A
1 A at 5 V
Typ. 50 mV, 300 max. for NC/NO contacts
> 107 operations
105 operations at 20 A, 14 V,
resisitive load on NO contact
6 operations per minute (0.1 Hz)
43
1
Load limit curve
Pin assignment
60
50
40
30
20
10
100
W
0.5
1
23
4
5
7
10 12
20
Switching Current (A)
200
W
250
W
75
320
W
40
W
ECR2202-7
Safe breaking, arc extinguished (normally open contact)
for resistive loads.
1 changeover contact/
1 form C
ECR2204-N
2
3
45


Similar Part No. - T72M

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T72 EUROQUARTZ-T72 Datasheet
89Kb / 1P
   Very rugged TCXO
logo
Norgren Ltd
T72 NORGREN-T72 Datasheet
687Kb / 2P
   T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
logo
Powerex Power Semicondu...
T720 POWEREX-T720 Datasheet
720Kb / 4P
   Phase Control SCR (450-550 Amperes 2400 Volts)
logo
Intel Corporation
T7200 INTEL-T7200 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Powerex Power Semicondu...
T7200135 POWEREX-T7200135 Datasheet
238Kb / 6P
   Phase Control SCR (350-550 Amperes Avg 100-2200 Volts)
More results

Similar Description - T72M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com